Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P83CL781 Datasheet(PDF) 20 Page - NXP Semiconductors

No. de pieza P83CL781
Descripción Electrónicos  Low voltage 8-bit microcontrollers with UART and I2C-bus
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL781 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button P83CL781 Datasheet HTML 16Page - NXP Semiconductors P83CL781 Datasheet HTML 17Page - NXP Semiconductors P83CL781 Datasheet HTML 18Page - NXP Semiconductors P83CL781 Datasheet HTML 19Page - NXP Semiconductors P83CL781 Datasheet HTML 20Page - NXP Semiconductors P83CL781 Datasheet HTML 21Page - NXP Semiconductors P83CL781 Datasheet HTML 22Page - NXP Semiconductors P83CL781 Datasheet HTML 23Page - NXP Semiconductors P83CL781 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
1997 Mar 14
20
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART and I2C-bus
P83CL781; P83CL782
11.3
Timer/Counter 2 Control Register (T2CON)
Table 1
Timer/Counter 2 Control Register (SFR address C8H)
Table 2
Description of T2CON bits
Table 3
Timer 2 operating modes; X = don’t care
76543210
TF2
EXF2
GF2
RTCLK
EXEN2
TR2
C/T2
CP/RL2
BIT
SYMBOL
DESCRIPTION
7
TF2
Timer 2 overflow flag. Set by a Timer 2 overflow and must be cleared by software. TF2
will not be set when RTCLK = 1.
6
EXF2
Timer 2 external flag. Set when either a capture or reload is caused by a negative
transition on T2EX and when EXEN2 = 1. When Timer T2 interrupt is enabled,
EXF2 = 1 will cause the CPU to vector to Timer 2 interrupt routine. EXF2 must be
cleared by software.
5
GF2
General purpose flag bit.
4
RTCLK
Receive/transmit clock flag. When set, causes the UART serial port to use Timer 2
overflow pulses for its receive and transmit clock in Modes 1 and 3. RTCLK = 0 causes
Timer 1 overflows to be used for the receive and transmit clock.
3
EXEN2
Timer 2 external enable flag. When set, allows a capture or reload to occur as a result
of a negative transition on T2EX, if Timer 2 is not being used to clock the serial port.
EXEN2 = 0, causes Timer 2 to ignore events at T2EX.
2
TR2
Start/stop control for Timer 2. TR2 = 1 starts the timer.
1C/T2
Timer or counter select for Timer 2. C/T2 = 0 selects the internal timer with a clock
frequency of 1
12 × fosc. C/T2 = 1 selects the external event counter; negative edge
triggered.
0
CP/RL2
Capture/Reload flag. When set, captures will occur on negative transitions at T2EX, if
EXEN2 = 1. When cleared, auto-reloads will occur either with Timer 2 overflows or
negative transitions at T2EX when EXEN2 = 1. When RTCLK = 1, this bit is ignored and
the timer is forced to auto-reload on a Timer 2 overflow.
RTCLK
CP/RL2
TR2
MODE
0
0
1
16-bit Auto-reload
0
1
1
16-bit Capture
1
X
1
Baud Rate Generator
XX
0
Off


Número de pieza similar - P83CL781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
P83CL410 PHILIPS-P83CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFD PHILIPS-P83CL410HFD Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFN PHILIPS-P83CL410HFN Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
More results

Descripción similar - P83CL781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
P80CL580 PHILIPS-P80CL580 Datasheet
366Kb / 80P
   Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
1997 Mar 14
P80CL410 PHILIPS-P80CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P80CL31 PHILIPS-P80CL31 Datasheet
305Kb / 68P
   Low voltage 8-bit microcontrollers with UART
1997 Apr 15
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
   Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCF8570 PHILIPS-PCF8570 Datasheet
140Kb / 20P
   256 x 8-bit static low-voltage RAM with I2C-bus interface
1999 Jan 06
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
SC18IM700 NXP-SC18IM700 Datasheet
127Kb / 22P
   Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
   8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com