Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P83CL882 Datasheet(PDF) 60 Page - NXP Semiconductors

No. de pieza P83CL882
Descripción Electrónicos  80C51 Ultra Low Power ULP telephony controller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 56Page - NXP Semiconductors P83CL882 Datasheet HTML 57Page - NXP Semiconductors P83CL882 Datasheet HTML 58Page - NXP Semiconductors P83CL882 Datasheet HTML 59Page - NXP Semiconductors P83CL882 Datasheet HTML 60Page - NXP Semiconductors P83CL882 Datasheet HTML 61Page - NXP Semiconductors P83CL882 Datasheet HTML 62Page - NXP Semiconductors P83CL882 Datasheet HTML 63Page - NXP Semiconductors P83CL882 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
2001 Jun 19
60
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
6.9.5
DATA TRANSMISSION
Data transmission is enabled if bit MTEN in register MCON
is set to a logic 1. If MTEN is a logic 0, data transmission
is disabled and MOUT[2:0] is set to ‘111’ to zero the
currents in the resistive DAC. Setting MTEN to a logic 1
sets MOUT[2:0] to the idle value ‘100’. This results in
a value close to 1/2VDD on the output signal of the external
DAC. Transmission is started by loading the first byte into
register MBUF. All bytes are transmitted starting with the
MSB.
A message is transferred in a block of 3 or more bytes, the
first two bytes being the programmed Manchester
preamble pattern. In order to insert the preamble pattern,
the first two bytes AAH and AxH (with ‘x’ being the
MPR3 to MPR0 value programmed in the receiver MSK
modem) have to be written to MBUF by software.
After this, the first byte of the message is written to MBUF.
As soon as MBUF is ready to accept new input, signal MTI
is set.
The minimum time between two MTI interrupts is:
If no new byte is written to MBUF at the end of a byte
transmission, the modem transmitter stops transmission
and MOUT[2:0] is set to the idle state ‘100’.
MTI must be cleared explicitly. If MTEN is reset during
transmission, the transmitter will finish the transmission of
the current byte and then will set MOUT[2:0] to the off
state ‘111’. No interrupt on MTI will be generated at the
end of the transmission.
t
min
8
baud rate
-------------------------
=
handbook, full pagewidth
MGK229
MOUT
80C51
access
set
MTEN
clear
MTI
write
MBUF
AAH
write
MBUF
ADH
write
MBUF
AAH
write
MBUF
55H
write
MBUF
55H
MTI
TX_MUTE
data ADH
data AAH
data AAH
data 55H
data 55H
Fig.28 Data transmission timing diagram.


Número de pieza similar - P83CL882

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
P83CL410 PHILIPS-P83CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFD PHILIPS-P83CL410HFD Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFN PHILIPS-P83CL410HFN Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
More results

Descripción similar - P83CL882

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS42L73 CIRRUS-CS42L73 Datasheet
205Kb / 7P
   Ultra Low Power Mobile Audio and Telephony CODEC
logo
Burr-Brown (TI)
TLV320DAC32 BURR-BROWN-TLV320DAC32 Datasheet
817Kb / 65P
   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320DAC32 TI-TLV320DAC32_15 Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Murata Power Solutions ...
SP1490 MURATA-PS-SP1490 Datasheet
67Kb / 1P
   Telephony / CATV Uninterruptible Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com