Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P83CL781HFH Datasheet(PDF) 53 Page - NXP Semiconductors

No. de pieza P83CL781HFH
Descripción Electrónicos  Low voltage 8-bit microcontrollers with UART and I2C-bus
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL781HFH Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button P83CL781HFH Datasheet HTML 49Page - NXP Semiconductors P83CL781HFH Datasheet HTML 50Page - NXP Semiconductors P83CL781HFH Datasheet HTML 51Page - NXP Semiconductors P83CL781HFH Datasheet HTML 52Page - NXP Semiconductors P83CL781HFH Datasheet HTML 53Page - NXP Semiconductors P83CL781HFH Datasheet HTML 54Page - NXP Semiconductors P83CL781HFH Datasheet HTML 55Page - NXP Semiconductors P83CL781HFH Datasheet HTML 56Page - NXP Semiconductors P83CL781HFH Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
1997 Mar 14
53
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART and I2C-bus
P83CL781; P83CL782
18 SPECIAL FUNCTION REGISTERS OVERVIEW
The P83CL78x has 34 SFRs available to the user.
Notes
1. Bit addressable register.
2. Port reset state determined by the customer.
ADDRESS
(HEX)
NAME
RESET VALUE
(B)
FUNCTION
F8
IP1(1)
00000000
Interrupt Priority Register (INT2 to INT9)
F0
B(1)
00000000
B Register
E9
IX1
00000000
Interrupt Polarity Register
E8
IEN1(1)
00000000
Interrupt Enable Register 1
E0
ACC(1)
00000000
Accumulator
DB
S1ADR
00000000
I2C-bus Slave Address Register
DA
S1DAT
00000000
I2C-bus Data Shift Register
D9
S1STA
11111000
I2C-bus Serial Status Register
D8
S1CON(1)
00000000
I2C-bus Serial Control Register
D0
PSW(1)
00000000
Program Status Word
CD
TH2
00000000
Timer 2 High byte
CC
TL2
00000000
Timer 2 Low byte
CB
RCAP2H
00000000
Timer 2 Reload/Capture Register High byte
CA
RCAP2L
00000000
Timer 2 Reload/Capture Register Low byte
C8
T2CON(1)
00000000
Timer/Counter 2 Control Register
C0
IRQ1(1)
00000000
Interrupt Request Flag Register
B8
IP0(1)
X0000000
Interrupt Priority Register 0
B0
P3(1)
XXXXXXXX(2)
Digital I/O Port Register 3
A8
IEN0(1)
00000000
Interrupt Enable Register
A0
P2(1)
XXXXXXXX(2)
Digital I/O Port Register 2
99
S0BUF
XXXXXXXX
Serial Data Buffer Register 0
98
S0CON(1)
00000000
Serial Port Control Register 0
90
P1(1)
XXXXXXXX(2)
Digital I/O Port Register 1
8D
TH1
00000000
Timer 1 High byte
8C
TH0
00000000
Timer 0 High byte
8B
TL1
00000000
Timer 1 Low byte
8A
TL0
00000000
Timer 0 Low byte
89
TMOD
00000000
Timer 0 and 1 Mode Control Register
88
TCON(1)
00000000
Timer 0 and 1 Control/External Interrupt Control Register
87
PCON
0XX00000
Power Control Register
83
DPH
00000000
Data Pointer High byte
82
DPL
00000000
Data Pointer Low byte
81
SP
00000111
Stack Pointer
80
P0(1)
XXXXXXXX(2)
Digital I/O Port Register 0


Número de pieza similar - P83CL781HFH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
P83CL410 PHILIPS-P83CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFD PHILIPS-P83CL410HFD Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFN PHILIPS-P83CL410HFN Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
More results

Descripción similar - P83CL781HFH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
P80CL580 PHILIPS-P80CL580 Datasheet
366Kb / 80P
   Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
1997 Mar 14
P80CL410 PHILIPS-P80CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P80CL31 PHILIPS-P80CL31 Datasheet
305Kb / 68P
   Low voltage 8-bit microcontrollers with UART
1997 Apr 15
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
   Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCF8570 PHILIPS-PCF8570 Datasheet
140Kb / 20P
   256 x 8-bit static low-voltage RAM with I2C-bus interface
1999 Jan 06
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
SC18IM700 NXP-SC18IM700 Datasheet
127Kb / 22P
   Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
   8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com