Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

XC9510 Datasheet(PDF) 8 Page - Torex Semiconductor

No. de Pieza. XC9510
Descripción  Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo 

XC9510 Datasheet(HTML) 8 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
1358
XC9510 Series
Circuit 1
Supply Current, Stand-by Current, CE Current
Circuit 2 Output Voltage (VR), Load Regulation, Dropout Voltage,
Maximum Output Current, (MODE Voltage)
Circuit 3
Output Voltage (DC/DC) Oscillation Frequency,
U.V.L.O. Voltage, Soft-start Time, CE Voltage,
Circuit 4 Minimum Duty Cycle, Maximum Duty Cycle
Maximum Output Current, Efficiency, (PFM Duty Cycle),
(MODE Voltage)
Circuit 5
Lx ON Resistance
Circuit 6
Current Limit 1 (DC/DC)
TEST CIRCUITS
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
CIN : 1.0uF (ceramic)
A
A
DCOUT : VIN or GND
V
IROUT
V
CIN : 4.7uF (ceramic)
CE/MODE : VIN
or VIN-1.2V
or GND
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
CL:4.7uF(ceramic,
IROUT<300mA)
10uF(ceramic,
IROUT>300mA)
V
CE : VIN
A
CIN : 1.0uF (ceramic)
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
CE : VIN
CIN : 4.7uF (ceramic)
ILX
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
A
Probe
CIN : 4.7uF (ceramic)
V
CL : 10uF
(ceramic)
V
L
IDOUT
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
Probe
Fosc
300kHz
600kHz
1.2MHz
L
22uH(CDRH6D38,
SUMIDA)
10uH(CDRH5D28,
SUMIDA)
4.7uH(CDRH4D28C,
SUMIDA)
CIN : 1.0uF(ceramic)
V
CE : VIN
200
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
Probe


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn