Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

XC9510 Datasheet(PDF) 9 Page - Torex Semiconductor

No. de Pieza. XC9510
Descripción  Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo 

XC9510 Datasheet(HTML) 9 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
1359
XC9510
Series
Circuit 7
Current Limit 2 (VR), Short Circuit Current (VR)
Circuit 8
Detect Voltage, Release Voltage (Hysteresis Range)
* For the measurement of the VDD_Sense products, the
input voltage was controlled.
Circuit 9
VD Output Current
Circuit 10
Latch Time
Circuit 11
Off-Leak
Circuit 12
Ripple Rejection Rate
TEST CIRCUITS (Continued)
CIN : 1uF (ceramic)
V
CE : VSS
A
VD_SENSE*
(DCOUT or VROUT)
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
CIN:
1uF
V
CE/MODE : VSS
200k
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
VD_SENSE*
(DCOUT or VROUT)
V
CIN : 4.7uF
(ceramic)
V
CL : 10uF
(ceramic)
V
L
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
Fosc
300kHz
600kHz
1.2MHz
L
22uH(CDRH6D38,
SUMIDA)
10uH(CDRH5D28,
SUMIDA)
4.7uH(CDRH4D28C,
SUMIDA)
1
V
IROUT
V
1
2
3
4
8
7
6
5
VDD
CE/
MODE
VDOUT
AGND
LX
DCOUT
VROUT
PGND
CIN : 4.7uF
(ceramic)
CE/MODE : VIN
or VIN-1.2V
or GND
CL:4.7uF(ceramic,
IROUT<300mA)
10uF(ceramic,
IROUT>300mA)
~
V
CE/MODE : VSS
A
CIN : 1.0uF
(ceramic)
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
A
A
* For the measurement of the VDD_Sense products, the
input voltage was controlled.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn