Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS6912A Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FDS6912A
Descripción Electrónicos  Dual N-Channel Logic Level PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6912A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS6912A_03 Datasheet HTML 1Page - Fairchild Semiconductor FDS6912A_03 Datasheet HTML 2Page - Fairchild Semiconductor FDS6912A_03 Datasheet HTML 3Page - Fairchild Semiconductor FDS6912A_03 Datasheet HTML 4Page - Fairchild Semiconductor FDS6912A_03 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDS6912A Rev D(W)
Typical Characteristics
0
2
4
6
8
10
0
2
4
6
8
10
12
Qg, GATE CHARGE (nC)
ID = 6A
VDS = 10V
15V
20V
0
200
400
600
800
0
5
10
15
20
VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Crss
Coss
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
100
µs
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 135
oC/W
TA = 25
oC
10ms
1ms
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 135°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 135°C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.


Número de pieza similar - FDS6912A_03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
logo
Guangdong Youtai Semico...
FDS6912A UMW-FDS6912A Datasheet
387Kb / 6P
   30V Dual N-Channel MOSFET
More results

Descripción similar - FDS6912A_03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6910 FAIRCHILD-FDS6910 Datasheet
112Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS6930B FAIRCHILD-FDS6930B Datasheet
532Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
SI4920DY FAIRCHILD-SI4920DY Datasheet
217Kb / 5P
   Dual N-Channel, Logic Level, PowerTrench MOSFET
FDS8949_F085 FAIRCHILD-FDS8949_F085 Datasheet
544Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
SI3948DV FAIRCHILD-SI3948DV Datasheet
95Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS8949 FAIRCHILD-FDS8949 Datasheet
342Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6910 KEXIN-KDS6910 Datasheet
67Kb / 2P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com