Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIN12ACMLX Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FIN12ACMLX
Descripción Electrónicos  uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN12ACMLX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FIN12ACMLX Datasheet HTML 1Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 2Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 3Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 4Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN12AC Rev. 1.1.0
4
Control Logic Circuitry
The FIN12AC has the ability to be used as a 12-bit seri-
alizer or a 12-bit deserializer. Terminals S1 and S2 must
be set to accommodate the clock reference input fre-
quency range of the serializer. Table 1 shows the termi-
nal programming of these options based on the S1 and
S2 control terminals. The DIRI terminal controls whether
the device is the serializer or a deserializer. When DIRI is
asserted LOW, the device is configured as a deserializer.
When the DIRI terminal is asserted HIGH, the device is
configured as a serializer. Changing the state on the
DIRI signal reverses the direction of the I/O signals and
generates the opposite state signal on DIRO. For unidi-
rectional operation, the DIRI terminal should be hard-
wired to the HIGH or LOW state and the DIRO terminal
should be left floating. For bi-directional operation, the
DIRI of the master device is driven by the system and
the DIRO signal of the master is used to drive the DIRI of
the slave device.
PLL Multiplier
The multiply select pin PLLx_SEL determines whether
the PLL multiplication factor is 7 times the CKREF fre-
quency or 7-1/3 times the CKREF frequency. Overclock-
ing the PLL increases the range of spread spectrum on
the CKREF input clock that can be tolerated.
Both of the PLL multiplier modes can work with a non-
spread spectrum clock. When operating with the stan-
dard 7x multiplier and operating in a CKREF = STROBE
mode, the serialized word is 14 data bits long. Each
deserializer output period has the same period of the
STROBE signal.
When operating in the overclocking mode, the average
deserializer period is the same as the STROBE signal.
The individual periods vary between 14 and 16 data bits
long. The pattern repeats every three cycles with two
14-bit cycles, followed by a third 16-bit cycle. The last
two bits in the 16-bit cycle are zero. The deserializer out-
put clock period has the same variation as the serializer
outputs.
Turn-Around Functionality
The device passes and inverts the DIRI signal through
the device asynchronously to the DIRO signal. Care
must be taken by the system designer to ensure that no
contention occurs between the deserializer outputs and
the other devices on this port. Optimally the peripheral
device driving the serializer should be put into a HIGH-
impedance state prior to the DIRI signal being asserted.
When a device with dedicated data outputs turns from a
deserializer to a serializer, the dedicated outputs remain
at the last logical value asserted. This value only
changes if the device is once again turned into a deseri-
alizer and the values are overwritten.
Power-Down Mode
Mode 0 is used for powering down and resetting the
device. When both of the mode signals are driven to a
LOW state, the PLL and references are disabled, differ-
ential input buffers are shut off, differential output buffers
are placed into a HIGH-impedance state, LVCMOS out-
puts are placed into a HIGH-impedance state, LVCMOS
inputs are driven to a valid level internally, and all internal
circuitry are reset. The loss of CKREF state is also
enabled to ensure that the PLL only powers up if there is
a valid CKREF signal.
In a typical application mode, signals of the device do not
change other than between the desired frequency range
and the power-down mode. This allows for system-level
power-down functionality to be implemented via a single
wire for a SerDes pair. The S1 and S2 selection signals
that have their operating mode driven to a “logic 0”
should be hardwired to GND. The S1 and S2 signals that
have their operating mode driven to a “logic 1” should be
connected to a system-level power-down signal.
Table 1. Control Logic Circuitry
Mode
Number
PLLx_SEL
S2
S1
DIRI
Description
0
X
0
0
X
Power-Down Mode
1
1
0
1
1
12-Bit Serializer, Standard Clocking, 20MHz to 40MHz CKREF
0
0
1
1
12-Bit Serializer, Over-Clocked PLL, 19MHz to 38.2MHz CKREF
X
0
1
0
12-Bit Deserializer
2
1
1
0
1
12-Bit Serializer, Standard Clocking, 5MHz to 14MHz CKREF
0
1
0
1
12-Bit Serializer, Over-Clocked PLL, 4.7MHz to 13.3MHz CKREF
X
1
0
0
12-Bit Deserializer
3
1
1
1
1
12-Bit Serializer, Standard Clocking, 8MHz to 28MHz CKREF
0
1
1
1
12-Bit Serializer, Over-Clocked PLL, 9.5MHz to 26.7MHz CKREF
X
1
1
0
12-Bit Deserializer


Número de pieza similar - FIN12ACMLX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN12ACMLX FAIRCHILD-FIN12ACMLX Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12ACMLX FAIRCHILD-FIN12ACMLX Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results

Descripción similar - FIN12ACMLX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN212AC FAIRCHILD-FIN212AC_08 Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com