Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIN24CMLX Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FIN24CMLX
Descripción Electrónicos  uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24CMLX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FIN24CMLX Datasheet HTML 1Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 2Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 3Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 4Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
tm
October 2006
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN24C Rev. 1.0.2
FIN24C
µSerDes™Low-Voltage 24-Bit Bi-Directional
Serializer/Deserializer
Features
Low power for minimum impact on battery life
– Multiple power-down modes
– AC coupling with DC balance
100nA in standby mode, 5mA typical operating
conditions
Cable reduction: 25:4 or greater
Bi-directional operation 50:7 reduction or greater
Up to 24 bits in either direction
Up to 20MHz parallel interface operation
Voltage translation from 1.65V to 3.6V
Ultra-small and cost-effective packaging
High ESD protection: >7.5kV HBM
Parallel I/O power supply (VDDP) range between
1.65V to 3.6V
Applications
Micro-controller or pixel interfaces
Image sensors
Small displays
– LCD, cell phone, digital camera, portable gaming,
printer, PDA, video camera, automotive
General Description
The FIN24C µSerDes™ is a low-power Serializer/
Deserializer (SerDes) that can help minimize the cost
and power of transferring wide signal paths. Through the
use of serialization, the number of signals transferred
from one point to another can be significantly reduced.
Typical reduction is 4:1 to 6:1 for unidirectional paths.
For bi-directional operation, using half duplex for multiple
sources, it is possible to increase the signal reduction to
close to 10:1. Through the use of differential signaling,
shielding and EMI filters can also be minimized, further
reducing the cost of serialization. The differential signal-
ing is also important for providing a noise-insensitive sig-
nal that can withstand radio and electrical noise sources.
Major reduction in power consumption allows minimal
impact on battery life in ultra-portable applications. A
unique word boundary technique assures that the actual
word boundary is identified when the data is deserial-
ized. This guarantees that each word is correctly aligned
at the deserializer on a word-by-word basis through a
unique sequence of clock and data that is not repeated
except at the word boundary. A single PLL is adequate
for most applications, including bi-directional operation.
Ordering Information
Pb-Free package per JEDEC J-STD-020B. BGA and MLP packages available in tape and reel only.
µSerDesTM is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package
Number
Pb-Free
Package Description
FIN24CGFX
BGA042
Yes
42-Ball Ultra Small Scale Ball Grid Array (USS-BGA),
JEDEC MO-195, 3.5mm Wide
FIN24CMLX
MLP040
Yes
40-Terminal Molded Leadless Package (MLP), Quad,
JEDEC MO-220, 6mm Square


Número de pieza similar - FIN24CMLX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN24CMLX FAIRCHILD-FIN24CMLX Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
More results

Descripción similar - FIN24CMLX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com