Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


FIN1028M Datasheet(Hoja de datos) 9 Page - Fairchild Semiconductor

No. de Pieza. FIN1028M
Descripción  3.3V LVDS 2-Bit High Speed Differential Receiver
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

 
 9 page
background image
9
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide
Package Number MAB08A




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
FIN1001_043.3V LVDS 1-Bit High Speed Differential Driver 1 2 3 4 5 MoreFairchild Semiconductor
DS90LV028AHHigh Temperature 3V LVDS Dual Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
AD8143High Speed Triple Differential Receiver with Comparators 1 2 3 4 5 MoreAnalog Devices
AD8145High Speed Triple Differential Receiver with Comparators 1 2 3 4 5 MoreAnalog Devices
SY89543L3.3V 3.2Gbps DUAL DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SN65LVDS048A_06LVDS QUAD DIFFERENTIAL LINE RECEIVER 1 2 3 4 5 MoreTexas Instruments
MSK0032HIGH SPEED FET INPUT DIFFERENTIAL OP-AMP 1 2 3 4 5 M.S. Kennedy Corporation
MC100EP16VC_063.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output 1 2 3 4 5 MoreON Semiconductor
SY89545L3.3V 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
MSK130ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP 1 2 3 4 5 M.S. Kennedy Corporation

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl