Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6116CBZA Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL6116CBZA
Descripción Electrónicos  Power Distribution Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6116CBZA Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6116CBZA Datasheet HTML 1Page - Intersil Corporation ISL6116CBZA Datasheet HTML 2Page - Intersil Corporation ISL6116CBZA Datasheet HTML 3Page - Intersil Corporation ISL6116CBZA Datasheet HTML 4Page - Intersil Corporation ISL6116CBZA Datasheet HTML 5Page - Intersil Corporation ISL6116CBZA Datasheet HTML 6Page - Intersil Corporation ISL6116CBZA Datasheet HTML 7Page - Intersil Corporation ISL6116CBZA Datasheet HTML 8Page - Intersil Corporation ISL6116CBZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
February 6, 2007
Simplified Block Diagram
+
-
ISET
ISEN
GATE
VSS
VDD
CTIM
PGOOD
PWRON
CLIM
WOCLIM
ENABLE
OC
10µA
FALLING
EDGE
DELAY
18V
+
-
VREF
+
-
1.86V
12V
+
-
R
R
S
QN
Q
ENABLE
POR
VDD
8V
RISING
EDGE
PULSE
+
-
+
-
UV
18V
20µA
7.5K
+
-
+
-
20µA
UV DISABLE
ISL611X
Pin Descriptions
PIN #
SYMBOL
FUNCTION
DESCRIPTION
1
ISET
Current Set
Connect to the low side of the current sense resistor through the current limiting set resistor. This
pin functions as the current limit programming pin.
2
ISEN
Current Sense
Connect to the more positive end of sense resistor to measure the voltage drop across this
resistor.
3
GATE
External FET Gate Drive
Pin
Connect to the gate of the external N-Channel MOSFET. A capacitor from this node to ground
sets the turn-on ramp. At turn-on this capacitor will be charged to VDD +5V (ISL6115) and to
VDD (ISL6116, ISL6117, ISL6120) by a 10μA current source.
4
VSS
Chip Return
5VDD
Chip Supply
12V chip supply. This can be either connected directly to the +12V rail supplying the switched
load voltage or to a dedicated VSS +12V supply.
6
CTIM
Current Limit Timing
Capacitor
Connect a capacitor from this pin to ground. This capacitor determines the time delay
between an overcurrent event and chip output shutdown (current limit time-out). The duration
of current limit time-out is equal to 93k
Ω x C
TIM.
7
PGOOD
Power Good Indicator
Indicates that the voltage on the ISEN pin is satisfactory. PGOOD is driven by an open drain
N-Channel MOSFET and is pulled low when the output voltage (VISEN) is less than the UV
level for the particular IC.
8
PWRON
Power ON
PWRON is used to control and reset the chip. The chip is enabled when PWRON pin is driven
high to a maximum of 5V or is left open. After a current limit time out, the chip is reset by a
low level signal applied to this pin. This input has 20
μA pull up capability.
ISL6115, ISL6116, ISL6117, ISL6120


Número de pieza similar - ISL6116CBZA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6116CBZA RENESAS-ISL6116CBZA Datasheet
716Kb / 14P
   Power Distribution Controllers
More results

Descripción similar - ISL6116CBZA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com