Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSA201_0704 Datasheet(PDF) 17 Page - Fairchild Semiconductor

No. de pieza FSA201_0704
Descripción Electrónicos  USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA201_0704 Datasheet(HTML) 17 Page - Fairchild Semiconductor

Back Button FSA201_0704 Datasheet HTML 13Page - Fairchild Semiconductor FSA201_0704 Datasheet HTML 14Page - Fairchild Semiconductor FSA201_0704 Datasheet HTML 15Page - Fairchild Semiconductor FSA201_0704 Datasheet HTML 16Page - Fairchild Semiconductor FSA201_0704 Datasheet HTML 17Page - Fairchild Semiconductor FSA201_0704 Datasheet HTML 18Page - Fairchild Semiconductor FSA201_0704 Datasheet HTML 19Page - Fairchild Semiconductor FSA201_0704 Datasheet HTML 20Page - Fairchild Semiconductor FSA201_0704 Datasheet HTML 21Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA201 Rev. 1.2.1
17
Tape and Reel Specification
Tape Format for MicroPak™
Dimensions are in millimeters unless otherwise noted.
Package
Designator
Tape Section
Number Cavity
Cavity Status
Cover Tape Status
Leader (Start End)
125 (typical)
Empty
Sealed
Carrier
5000
Filled
Sealed
L10X
Trailer (Hub End)
75 (typical)
Empty
Sealed
Reel Dimensions
Dimensions are in inches (millimeters) unless otherwise noted.
Tape Size
A
B
C
D
N
W1
W2
W3
7.0
0.059
0.512
0.795
2.165
0.331 +0.590/-
0.000
0.567
W1 + 0.078/-
0.039
(8mm)
(177.8)
(1.50)
(13.0)
(20.20)
(55.00)
(8.40 +1.50/-0.00
(14.40)
(W1+ 2.00/-1.00)


Número de pieza similar - FSA201_0704

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSA201L10X FAIRCHILD-FSA201L10X Datasheet
751Kb / 19P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA201L10X ONSEMI-FSA201L10X Datasheet
555Kb / 21P
   USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
logo
Fairchild Semiconductor
FSA201MUX FAIRCHILD-FSA201MUX Datasheet
751Kb / 19P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA201MUX ONSEMI-FSA201MUX Datasheet
555Kb / 21P
   USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
More results

Descripción similar - FSA201_0704

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSA201 FAIRCHILD-FSA201 Datasheet
751Kb / 19P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_12 Datasheet
707Kb / 16P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_12 Datasheet
773Kb / 17P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA201 ONSEMI-FSA201 Datasheet
555Kb / 21P
   USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
FSA321 ONSEMI-FSA321 Datasheet
552Kb / 14P
   Audio Switches with Negative Signal Capability
March 2013 Rev 1.0.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com