Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS5542 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza ADS5542
Descripción Electrónicos  11-Bit, 125-MSPS Analog-To-Digital Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5542 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS5542 Datasheet HTML 5Page - Burr-Brown (TI) ADS5542 Datasheet HTML 6Page - Burr-Brown (TI) ADS5542 Datasheet HTML 7Page - Burr-Brown (TI) ADS5542 Datasheet HTML 8Page - Burr-Brown (TI) ADS5542 Datasheet HTML 9Page - Burr-Brown (TI) ADS5542 Datasheet HTML 10Page - Burr-Brown (TI) ADS5542 Datasheet HTML 11Page - Burr-Brown (TI) ADS5542 Datasheet HTML 12Page - Burr-Brown (TI) ADS5542 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
V
DFS t
2
12
AV
DD
4
12
AV
DD t VDFS t
5
12
AV
DD
7
12
AV
DD t VDFS t
8
12
AV
DD
V
DFS u
10
12
AV
DD
ADS5510
SLAS499 – JANUARY 2007
Table 2. Serial Register Table(1)
A3
A2
A1
A0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
DLL
Clock DLL
CTRL
1
1
0
1
0
0
0
0
0
0
0
0
0
0
0
0
Internal DLL is on; recommended for 60 MSPS to 125 MSPS
clock speeds.
1
1
0
1
0
0
0
0
0
0
0
0
0
0
1
0
Internal DLL is off; recommended for 2 MSPS to 80 MSPS
clock speeds.
TP<1>
TP<0>
Test Mode
1
1
1
0
0
0
0
0
0
0
0
0
0
0
X
0
Normal mode of operation
1
1
1
0
0
0
1
0
0
0
0
0
0
0
X
0
All outputs forced to 0
1
1
1
0
0
1
0
0
0
0
0
0
0
0
X
0
All outputs forced to 1
1
1
1
0
0
1
1
0
0
0
0
0
0
0
X
0
Each output bit toggles between 0 and 1. (2)(3)
PDN
Power Down
1
1
1
1
0
0
0
0
0
0
0
0
0
0
X
0
Normal mode of operation
1
1
1
1
1
0
0
0
0
0
0
0
0
0
X
0
Device is put in power-down (low-current) mode.
(1)
The register contents default to the appropriate setting for normal operation up on RESET.
(2)
The patterns given are applicable to the straight offset binary output format. If two's complement output format is selected, the test mode
outputs will be the binary two's complement equivalent of these patterns as described in the Output Information section.
(3)
While each bit toggles between 1 and 0 in this mode, there is no assured phase relationship between the data bits D0 through D10. For
example, when D0 is a 1, D1 in not assured to be a 0, and vice versa.
Table 3. Data Format Select (DFS) Table
DFS-PIN VOLTAGE (VDFS)
DATA FORMAT
CLOCK OUTPUT POLARITY
Straight Binary
Data valid on rising edge
Two's Complement
Data valid on rising edge
Straight Binary
Data valid on falling edge
Two's Complement
Data valid on falling edge
9
Submit Documentation Feedback


Número de pieza similar - ADS5542

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS5542 BURR-BROWN-ADS5542 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
ADS5542 BURR-BROWN-ADS5542 Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
ADS5542 BURR-BROWN-ADS5542 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5542 TI1-ADS5542 Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5542 TI1-ADS5542 Datasheet
612Kb / 33P
[Old version datasheet]   14-Bit, 80 MSPS Analog-To-Digital Converter
More results

Descripción similar - ADS5542

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
[Old version datasheet]   14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9230-11 AD-AD9230-11_17 Datasheet
655Kb / 29P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com