Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS5520 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza ADS5520
Descripción Electrónicos  11-Bit, 125-MSPS Analog-To-Digital Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5520 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS5520 Datasheet HTML 3Page - Burr-Brown (TI) ADS5520 Datasheet HTML 4Page - Burr-Brown (TI) ADS5520 Datasheet HTML 5Page - Burr-Brown (TI) ADS5520 Datasheet HTML 6Page - Burr-Brown (TI) ADS5520 Datasheet HTML 7Page - Burr-Brown (TI) ADS5520 Datasheet HTML 8Page - Burr-Brown (TI) ADS5520 Datasheet HTML 9Page - Burr-Brown (TI) ADS5520 Datasheet HTML 10Page - Burr-Brown (TI) ADS5520 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
Input Clock
Analog
Input
Signal
Sample
N
N + 1
N + 2
N + 3
N + 4
N + 1 4
N + 1 6
N + 1 7
N + 1 5
N − 17
N − 16
N − 15
N − 14
N − 13
N − 3
N − 2
N − 1
N
tsu
th
tSTART
tA
tEND
tPDI
Data Out
(D0−D10)
17.5 Clock Cycles
Data Invalid
Output Clock
RESET TIMING CHARACTERISTICS
RESET (Pin 35)
t1 . 10 ms
t2 . 2 ms
t3 . 2 ms
SEN Active
Power Supply
(AVDD, DRVDD)
ADS5510
SLAS499 – JANUARY 2007
A.
It is recommended that the loading at CLKOUT and all data lines are accurately matched to ensure that the above
timing matches closely with the specified values.
Figure 1. Timing Diagram
Typical values given at T
A = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, and 3-VPP differential clock, unless otherwise noted
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Switching Specification
t1
Power-on delay
Delay from power-on of AVDD and
10
ms
DRVDD to RESET pulse active
t2
Reset pulse width
Pulse width of active RESET signal
2
µs
t3
Register write delay
Delay from RESET disable to SEN
2
µs
active
Delay from power-up of AVDD and
Power-up time
40
ms
DRVDD to output stable
Figure 2. Reset Timing Diagram
7
Submit Documentation Feedback


Número de pieza similar - ADS5520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS5520 BURR-BROWN-ADS5520 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
ADS5520 BURR-BROWN-ADS5520 Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
ADS5520 BURR-BROWN-ADS5520 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5520 TI1-ADS5520 Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
More results

Descripción similar - ADS5520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
[Old version datasheet]   14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9230-11 AD-AD9230-11_17 Datasheet
655Kb / 29P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com