Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS5520 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza ADS5520
Descripción Electrónicos  11-Bit, 125-MSPS Analog-To-Digital Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5520 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS5520 Datasheet HTML 7Page - Burr-Brown (TI) ADS5520 Datasheet HTML 8Page - Burr-Brown (TI) ADS5520 Datasheet HTML 9Page - Burr-Brown (TI) ADS5520 Datasheet HTML 10Page - Burr-Brown (TI) ADS5520 Datasheet HTML 11Page - Burr-Brown (TI) ADS5520 Datasheet HTML 12Page - Burr-Brown (TI) ADS5520 Datasheet HTML 13Page - Burr-Brown (TI) ADS5520 Datasheet HTML 14Page - Burr-Brown (TI) ADS5520 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
ADS5510
SLAS499 – JANUARY 2007
PIN CONFIGURATION (continued)
PIN ASSIGNMENTS(1)
TERMINAL
NO. OF
NAME
NO.
PINS
I/O
DESCRIPTION
5, 7, 9, 15, 22,
AVDD
24, 26, 28, 33,
12
I
Analog power supply
34, 37, 39
6, 8, 12, 13,
14, 16, 18, 21,
AGND
14
I
Analog ground
23, 25, 27, 32,
36, 38
DRVDD
49, 58
2
I
Output driver power supply
1, 42, 48, 50,
DRGND
6
I
Output driver ground
57, 59
NC
44, 45, 46
2
Not connected
INP
19
1
I
Differential analog input (positive)
INM
20
1
I
Differential analog input (negative)
REFP
29
1
O
Reference voltage (positive); 0.1-µF capacitor in series with a 1-
Ω resistor to GND
REFM
30
1
O
Reference voltage (negative); 0.1-µF capacitor in series with a 1-
Ω resistor to GND
IREF
31
1
I
Current set; 56-k
Ω resistor to GND; do not connect capacitors
CM
17
1
O
Common-mode output voltage
RESET
35
1
I
Reset (active high), 200-k
Ω resistor to AV
DD
(2)
OE
41
1
I
Output enable (active high)
DFS
40
1
I
Data format and clock out polarity select(3)(4)
CLKP
10
1
I
Data converter differential input clock (positive)
CLKM
11
1
I
Data converter differential input clock (negative)
SEN
4
1
I
Serial interface chip select(4)
SDATA
3
1
I
Serial interface data(4)
SCLK
2
1
I
Serial interface clock(4)
D0 (LSB) to
47, 51-56,
11
O
11 bit parallel data output
D10 (MSB)
60-63
OVR
64
1
O
Over-range indicator bit
CLKOUT
43
1
O
CMOS clock out in sync with data
(1)
PowerPAD is connected to analog ground.
(2)
If unused, the RESET pin should be tied to AGND. See the serial programming interface section for details.
(3)
Table 3 defines the voltage levels for each mode selectable via the DFS pin.
(4)
Pins OE, DFS, SEN, SDATA, and SCLK have internal clamping diodes to the DRVDD supply. Any external circuit driving these pins
must also run off the same supply voltage as DRVDD.
11
Submit Documentation Feedback


Número de pieza similar - ADS5520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS5520 BURR-BROWN-ADS5520 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
ADS5520 BURR-BROWN-ADS5520 Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
ADS5520 BURR-BROWN-ADS5520 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5520 TI1-ADS5520 Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
More results

Descripción similar - ADS5520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
[Old version datasheet]   14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9230-11 AD-AD9230-11_17 Datasheet
655Kb / 29P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com