Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS5521 Datasheet(PDF) 9 Page - Burr-Brown (TI) |
|
|
ADS5521 Datasheet(HTML) 9 Page - Burr-Brown (TI) |
9 / 30 page www.ti.com V DFS t 2 12 AV DD 4 12 AV DD t VDFS t 5 12 AV DD 7 12 AV DD t VDFS t 8 12 AV DD V DFS u 10 12 AV DD ADS5510 SLAS499 – JANUARY 2007 Table 2. Serial Register Table(1) A3 A2 A1 A0 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 DESCRIPTION DLL Clock DLL CTRL 1 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 Internal DLL is on; recommended for 60 MSPS to 125 MSPS clock speeds. 1 1 0 1 0 0 0 0 0 0 0 0 0 0 1 0 Internal DLL is off; recommended for 2 MSPS to 80 MSPS clock speeds. TP<1> TP<0> Test Mode 1 1 1 0 0 0 0 0 0 0 0 0 0 0 X 0 Normal mode of operation 1 1 1 0 0 0 1 0 0 0 0 0 0 0 X 0 All outputs forced to 0 1 1 1 0 0 1 0 0 0 0 0 0 0 0 X 0 All outputs forced to 1 1 1 1 0 0 1 1 0 0 0 0 0 0 0 X 0 Each output bit toggles between 0 and 1. (2)(3) PDN Power Down 1 1 1 1 0 0 0 0 0 0 0 0 0 0 X 0 Normal mode of operation 1 1 1 1 1 0 0 0 0 0 0 0 0 0 X 0 Device is put in power-down (low-current) mode. (1) The register contents default to the appropriate setting for normal operation up on RESET. (2) The patterns given are applicable to the straight offset binary output format. If two's complement output format is selected, the test mode outputs will be the binary two's complement equivalent of these patterns as described in the Output Information section. (3) While each bit toggles between 1 and 0 in this mode, there is no assured phase relationship between the data bits D0 through D10. For example, when D0 is a 1, D1 in not assured to be a 0, and vice versa. Table 3. Data Format Select (DFS) Table DFS-PIN VOLTAGE (VDFS) DATA FORMAT CLOCK OUTPUT POLARITY Straight Binary Data valid on rising edge Two's Complement Data valid on rising edge Straight Binary Data valid on falling edge Two's Complement Data valid on falling edge 9 Submit Documentation Feedback |
Número de pieza similar - ADS5521 |
|
Descripción similar - ADS5521 |