Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8507 Datasheet(PDF) 27 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza ADS8507
Descripción Electrónicos  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8507 Datasheet(HTML) 27 Page - Burr-Brown (TI)

Back Button ADS8507 Datasheet HTML 23Page - Burr-Brown (TI) ADS8507 Datasheet HTML 24Page - Burr-Brown (TI) ADS8507 Datasheet HTML 25Page - Burr-Brown (TI) ADS8507 Datasheet HTML 26Page - Burr-Brown (TI) ADS8507 Datasheet HTML 27Page - Burr-Brown (TI) ADS8507 Datasheet HTML 28Page - Burr-Brown (TI) ADS8507 Datasheet HTML 29Page - Burr-Brown (TI) ADS8507 Datasheet HTML 30Page - Burr-Brown (TI) ADS8507 Datasheet HTML 31Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
www.ti.com
APPLICATION INFORMATION
TRANSITION NOISE
2
7FFDH 7FFEH
7FFFH
8000H
8001H
8002H
8003H
190
3142
9732
3075
242
1
AVERAGING
QSPI™ INTERFACE
ADS8507
SLAS381 – DECEMBER 2006
Apply a DC input to the ADS8507 and initiate 1000 conversions. The digital output of the converter varies in
output codes due to the internal noise of the ADS8507. This is true for all 16-bit SAR converters. The transition
noise specification found in the electrical characteristics section is a statistical figure which represents the one
sigma limit or rms value of these output codes.
Using a histogram to plot the output codes, the distribution should appear bell-shaped with the peak of the bell
curve representing the nominal output code for the input voltage value. The ±1
σ, ±2σ, and ±3σ distributions
represent 68.3%, 95.5%, and 99.7% of all codes. Multiplying TN by 6 yields the ±3
σ distribution or 99.7% of all
codes. Statistically, up to 3 codes could fall outside the 5 code distribution when executing 1000 conversions.
The ADS8507 has a TN of 0.8 LSBs which yields 5 output codes for a ±3
σ distribution. Figure 48 shows 16384
conversion histogram results.
Figure 48. Histogram of 16384 Conversions with VIN = 0 V in ±10 V Bipolar Range
The noise of the converter can be compensated by averaging the digital codes. By averaging conversion results,
transition noise is reduced by a factor of 1/
√Hz where n is the number of averages. For example, averaging four
conversion results reduces the TN by ½ to 0.4 LSBs. Averaging should only be used for input signals with
frequencies near DC.
For AC signals, a digital filter can be used to low-pass filter and decimate the output codes. This works in a
similar manner to averaging: for every decimation by 2, the signal-to-noise ratio improves 3 dB.
Figure 49 shows a simple interface between the ADS8507 and any QSPI equipped microcontroller. This
interface assumes that the convert pulse does not originate from the microcontroller and that the ADS8507 is the
only serial peripheral.
27
Submit Documentation Feedback


Número de pieza similar - ADS8507

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507IBDW TI-ADS8507IBDW Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507IBDWG4 TI-ADS8507IBDWG4 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507IBDWR TI-ADS8507IBDWR Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507IBDWRG4 TI-ADS8507IBDWRG4 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Descripción similar - ADS8507

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com