Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ADS8507 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de Pieza. ADS8507
Descripción  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Descarga  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo 

ADS8507 Datasheet(HTML) 4 Page - Burr-Brown (TI)

 
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.ti.com
DEVICE INFORMATION
VDIG
VANA
BUSY
CS
R/C
BYTE
TAG
SDATA
DATACLK
D0
D1
D2
R1IN
AGND1
CAP
REF
AGND2
D7
D6
D5
D4
D3
DGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS8507
R2IN
SB/BTC
EXT/INT
REFD
PWRD
ADS8507
SLAS381 – DECEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
At T
A = -40°C to 85°C, fS = 40 kHz, VDIG = VANA = 5 V, and using internal reference and fixed resistors, (see Figure 43)
unless otherwise specified.
ADS8507I
ADS8507IB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
IIH
High-level input current
VIH = 5 V
±10
±10
µA
DIGITAL OUTPUTS
Data format - Parallel 16-bits in 2-bytes
Data coding - Serial binary 2s
complement or straight binary
VOL
Low-level output voltage
ISINK = 1.6 mA
0.4
0.4
V
VOH
High-level output voltage
ISOURCE = 500 µA
4
4
V
High-Z state,
Leakage Current
±5
±5
µA
VOUT = 0 V to VDIG
Output capacitance
High-Z state
15
15
pF
DIGITAL TIMING
Bus access time
RL = 3.3 kΩ, CL = 50 pF
83
83
ns
Bus relinquish time
RL = 3.3 kΩ, CL = 10 pF
83
83
ns
POWER SUPPLIES
VDIG
Digital voltage
Must be
≤ V
ANA
4.75
5
5.25
4.75
5
5.25
V
VANA
Analog voltage
4.75
5
5.25
4.75
5
5.25
V
IDIG
Digital current
0.6
0.6
mA
IANA
Analog current
4.2
4.2
mA
VANA = VDIG = 5 V,
24
30
24
30
mW
fS = 40 kHz
Power dissipation
REFD High
20
20
mW
PWRD and REFD High
50
50
µW
TEMPERATURE RANGE
Specified performance
-40
85
-40
85
°C
Derated performance
-55
125
-55
125
°C
Storage temperature
-65
150
-65
150
°C
SO
Thermal resistance (
Θ
JA)
46
46
°C/W
4
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
ADS850716-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments
ADS847216-BIT 1-MSPS PSEUDO-BIPOLAR FULLY DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
TLV5633C2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
MCP342118-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference 1 2 3 4 5 MoreMicrochip Technology
ADS8329LOW POWER 16-BIT 1-MHz SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments
ADS8329LOW POWER 16-BIT 1-MHz SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE 1 2 3 4 5 MoreBurr-Brown (TI)
HI5810_01CMOS 10 Microsecond 12-Bit Sampling A/D Converter with Internal Track and Hold 1 2 3 4 5 MoreIntersil Corporation
HI5813_01CMOS 3.3V 25 Microsecond 12-Bit Sampling A/D Converter with Internal Track and Hold 1 2 3 4 5 MoreIntersil Corporation
HI5812_05CMOS 20 Microsecond 12-Bit Sampling A/D Converter with Internal Track and Hold 1 2 3 4 5 MoreIntersil Corporation
DAC856016-Bit Ultra-Low Glitch Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V 2ppm/°C Internal Reference 1 2 3 4 5 MoreBurr-Brown (TI)

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn