Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC8805Q Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza DAC8805Q
Descripción Electrónicos  14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8805Q Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DAC8805Q Datasheet HTML 1Page - Burr-Brown (TI) DAC8805Q Datasheet HTML 2Page - Burr-Brown (TI) DAC8805Q Datasheet HTML 3Page - Burr-Brown (TI) DAC8805Q Datasheet HTML 4Page - Burr-Brown (TI) DAC8805Q Datasheet HTML 5Page - Burr-Brown (TI) DAC8805Q Datasheet HTML 6Page - Burr-Brown (TI) DAC8805Q Datasheet HTML 7Page - Burr-Brown (TI) DAC8805Q Datasheet HTML 8Page - Burr-Brown (TI) DAC8805Q Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
BurrBrown Products
from Texas Instruments
DAC8805
FEATURES
DESCRIPTION
APPLICATIONS
I
A
OUT
AGNDA
R A
1
R A
1
DACA
I
B
OUT
AGNDB
DACB
DACA
Register
DACB
Register
DGND
D0
D13
WR
A0
A1
RS
LDAC
RSTSEL
V
DD
R
A
COM
V
A
REF
R
A
OFS
R A
FB
R A
FB
R
A
OFS
R B
1
R B
2
R
B
OFS
R B
FB
R B
FB
R
B
OFS
V
B
REF
R
B
COM
R B
1
InputA
Register
Parallel
Bus
Interface
Control
Logic
InputB
Register
R A
2
Power-On
Reset
DAC8805
SBAS391A – DECEMBER 2006 – REVISED MAY 2007
14-Bit, Dual, Parallel Input, Multiplying
Digital-to-Analog Converter
• ±0.5LSB DNL
The DAC8805 dual, multiplying digital-to-analog
converter (DAC) is designed to operate from a single
• ±0.5LSB INL
2.7V to 5.5V supply.
• Low Noise: 12nV/√Hz
The applied external reference input voltage VREF
• Low Power: I
DD = 1µA per channel at 2.7V
determines the full-scale output current. An internal
• 2mA Full-Scale Current, with V
REF = 10V
feedback
resistor
(RFB)
provides
temperature
• Settling Time: 0.5µs
tracking for the full-scale output when combined with
an
external,
current-to-voltage
(I/V)
precision
• 14-Bit Monotonic
amplifier.
• 4-Quadrant Multiplying Reference Inputs
A RSTSEL pin allows system reset assertion (RS) to
• Reference Bandwidth: 10MHz
force all registers to zero code when RSTSEL = '0',
• Reference Input: ±18V
or
to
mid-scale
code
when
RSTSEL
=
'1'.
• Reference Dynamics: –105 THD
Additionally, an internal power-on reset forces all
registers to zero or mid-scale code at power-up,
• Midscale or Zero Scale Reset
depending on the state of the RSTSEL pin.
• Analog Power Supply: +2.7V to +5.5V
A
parallel
interface
offers
high-speed
• TSSOP-38 Package
communications. The DAC8805 is packaged in a
• Industry-Standard Pin Configuration
space-saving
TSSOP-38
package
and
has
an
• Pin Compatible with the 16-Bit DAC8822
industry-standard pinout. The device is specified
from –40
°C to +125°C.
• Temperature Range: –40°C to +125°C
For
a
16-bit,
pin-compatible
version,
see
the
DAC8822.
• Automatic Test Equipment
• Instrumentation
• Digitally Controlled Calibration
• Industrial Control PLCs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - DAC8805Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC8805Q TI1-DAC8805Q Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8805QDBT TI1-DAC8805QDBT Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8805QDBTG4 TI1-DAC8805QDBTG4 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8805QDBTR TI1-DAC8805QDBTR Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results

Descripción similar - DAC8805Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806_15 Datasheet
1Mb / 22P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
REVISED FEBRUARY 2008
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com