Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PTH04T220W Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. PTH04T220W
Descripción  16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
Descarga  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

PTH04T220W Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH04T220W, PTH04T221W
SLTS275A – DECEMBER 2006 – REVISED FEBRUARY 2007
PTH04T220W
T
A = 25°C, VI = 5 V, VO = 3.3 V, CI = 330 µF, CO = 220 µF, and IO = IO max (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH04T220W
UNIT
MIN
TYP
MAX
IO
Output current
Over VO range
25
°C, natural convection
0
16
A
0.69
≤ V
O≤ 1.7
2.2
5.5
VI
Input voltage range
Over IO range
V
1.7 < VO≤ 3.6
VO+0.5(1)
5.5
VOADJ
Output voltage adjust range
Over IO range
0.69
3.6
V
Set-point voltage tolerance
±0.5
±1 (2)
%Vo
Temperature variation
–40
°C < T
A < 85°C
±0.3
%Vo
VO
Line regulaltion
Over VI range
±3
mV
Load regulation
Over IO range
±2
mV
Total output variation
Includes set-point, line, load, –40
°C ≤ T
A ≤ 85°C
±1.5 (2)
%Vo
RSET = 1.21 kΩ, VO = 3.3 V
94
RSET = 2.38 kΩ, VO = 2.5 V
91
RSET = 4.78 kΩ, VO = 1.8 V
88
η
Efficiency
IO = 16 A
RSET = 7.09 kΩ, VO = 1.5 V
87
RSET = 12.1 kΩ, VO = 1.2 V
84
RSET = 20.8 kΩ, VO = 1.0 V
82
RSET = 689 kΩ, VO = 0.7 V
76
VO Ripple (peak-to-peak)
20-MHz bandwidth
20
mVPP
ILIM
Overcurrent threshold
Reset, followed by auto-recovery
32
A
ttr
Recovery time
80
µs
w/o TurboTrans
CO = 220 µF, Type C
∆V
tr
2.5 A/µs load step
VO over/undershoot
140
mV
Transient response
50 to 100% IOmax
ttrTT
w/ TurboTrans
Recovery time
380
µs
VO = 2.5 V
CO = 2000 µF, Type C,
mV
∆V
trTT
VO over/undershoot
35
RTT = 0 Ω
IIL
Track input current (pin 9)
Pin to GND
–130(3)
µA
dVtrack/dt
Track slew rate capability
CO ≤ CO (max)
1
V/ms
VI increasing, RUVLO = OPEN
1.95
2.19
Adjustable Under-voltage lockout
UVLOADJ
VI decreasing, RUVLO = OPEN
1.3
1.5
V
(pin 10)
Hysteresis, RUVLO = OPEN
0.5
Input high voltage (VIH)
Open(4)
V
Inhibit control (pin 10)
Input low voltage (VIL)
-0.2
0.8
Input low current (IIL), Pin 10 to GND
-235
µA
II
Input standby current
Inhibit (pin 10) to GND, Track (pin 9) open
5
mA
f s
Switching frequency
Over VI and IO ranges, SmartSync (pin 11) to GND
300
kHz
Synchronization (SYNC)
fSYNC
240
400
kHz
frequency
VSYNCH
SYNC High-Level Input Voltage
2
5.5
V
VSYNCL
SYNC Low-Level Input Voltage
0.8
V
tSYNC
SYNC Minimum Pulse Width
200
ns
Nonceramic
330 (5)
CI
External input capacitance
µF
Ceramic
22 (5)
(1)
The minimum input voltage is 2.2 V or (VO + 0.5) V, whichever is greater.
(2)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/°C or better temperature stability.
(3)
A low-leakage (<100 nA), open-drain device, such as MOSFET or voltage supervisor IC, is recommended to control pin 9. The
open-circuit voltage is less than VI.
(4)
This control pin has an internal pull-up. Do not place an external pull-up on this pin. If it is left open-circuit, the module operates when
input power is applied. A small, low-leakage (<100 nA) MOSFET is recommended for control. The open-circuit voltage is less than
3.5 Vdc. For additional information, see the related application information section.
(5)
A 330 µF input capacitor is required for proper operation. The input capacitor must be rated for a minimum of 500 mA rms of ripple
current. An additional 22-
µF ceramic input capacitor is recommended to reduce rms ripple current.
4
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn