Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PTH04T220W Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. PTH04T220W
Descripción  16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
Descarga  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

PTH04T220W Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
www.ti.com
PTH04T220W, PTH04T221W
SLTS275A – DECEMBER 2006 – REVISED FEBRUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
PTH04T220W
T
A = 25°C, VI = 5 V, VO = 3.3 V, CI = 330 µF, CO = 220 µF, and IO = IO max (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH04T220W
UNIT
MIN
TYP
MAX
Nonceramic
220 (6)
2500 (7)
Capacitance Value
µF
w/o TurboTrans
Ceramic
500
Equivalent series resistance (non-ceramic)
7
m
CO
External output capacitance
see table
Capacitance Value
µF
(8)
w/ TurboTrans
Capacitance
× ESR product (C
O× ESR)
1000
10000 (8)
µF
×mΩ
Per Telcordia SR-332, 50% stress,
MTBF
Reliability
4.5
106 Hr
TA = 40°C, ground benign
(6)
A 220 µF external output capacitor is required for basic operation. The minimum output capacitance requirement increases when
TurboTrans™ (TT) technology is utilized. See related Application Information for more guidance.
(7)
This is the calculated maximum disregarding TurboTrans™ technology. When the TurboTrans™ feature is utilized, the minimum output
capacitance must be increased.
(8)
When using TurboTrans™ technology, a minimum value of output capacitance is required for proper operation. Additionally, low ESR
capacitors are required for proper operation. See the application notes for further guidance.
5
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn