Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PTH04T220W Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. PTH04T220W
Descripción  16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
Descarga  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

PTH04T220W Datasheet(HTML) 2 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
www.ti.com
UDG−06005
RTT
1%
0.05 W
(Optional)
CO
220
µF
(Required)
VO
RSET [A]
1%
0.05 W
(Required)
CI
330
µF
(Required)
RUVLO
1%
0.05 W
(Optional)
VOAdj
TurboTranst
VO
VI
PTH04T220W
4
8
+
7
Track
GND
TT
3
2
GND
GND
+Sense
5
L
O
A
D
−Sense
GND
+
Inhibit
INH/UVLO
Track
9
6
−Sense
+Sense
SYNC
11
SmartSync
1
10
CI2
22
µF
(Optional)
VI
UDG−06005
RTT
1%
0.05 W
(Optional)
CO
300
µF
(Required)
VO
RSET [A]
1%
0.05 W
(Required)
CI
300
µF
(Required)
RUVLO
1%
0.05 W
(Optional)
VOAdj
TurboTranst
VO
VI
PTH04T221W
4
8
7
VI
Track
GND
TT
3
2
GND
GND
+Sense
5
L
O
A
D
−Sense
GND
Inhibit
INH/UVLO
Track
9
6
−Sense
+Sense
SYNC
11
SmartSync
1
10
PTH04T220W, PTH04T221W
SLTS275A – DECEMBER 2006 – REVISED FEBRUARY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PTH04T220W
A.
RSET required to set the output voltage to a value higher than 0.69 V. See Electrical Characteristics table.
PTH04T221W - Ceramic Capacitor Version
A.
RSET required to set the output voltage to a value higher than 0.69 V. See Electrical Characteristics table.
2
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn