Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PTH08T220W Datasheet(PDF) 3 Page - Texas Instruments

No. de Pieza. PTH08T220W
Descripción  16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
Descarga  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

PTH08T220W Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
www.ti.com
DATASHEET TABLE OF CONTENTS
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
PTH08T220W, PTH08T221W
SLTS252F – NOVEMBER 2005 – REVISED FEBRUARY 2007
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
DATASHEET SECTION
PAGE NUMBER
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
3
ELECTRICAL CHARACTERISTICS TABLE (PTH08T220W)
4
ELECTRICAL CHARACTERISTICS TABLE (PTH08T221W)
6
TERMINAL FUNCTIONS
8
TYPICAL CHARACTERISTICS (VI = 12V)
9
TYPICAL CHARACTERISTICS (VI = 5V)
10
ADJUSTING THE OUTPUT VOLTAGE
11
INPUT & OUTPUT CAPACITOR RECOMMENDATIONS
13
TURBOTRANS™ INFORMATION
17
UNDERVOLTAGE LOCKOUT (UVLO)
22
SOFT-START POWER-UP
23
OUTPUT INHIBIT
24
OVER-CURRENT PROTECTION
25
OVER-TEMPERATURE PROTECTION
25
REMOTE SENSE
25
SYCHRONIZATION (SMARTSYNC)
26
AUTO-TRACK SEQUENCING
27
PREBIAS START-UP
30
TAPE & REEL AND TRAY DRAWINGS
32
(Voltages are with respect to GND)
UNIT
Vtrack
Track pin voltage
–0.3 to VI + 0.3
V
TA
Operating temperature range Over VI range
–40 to 85
AH suffix
260
Surface temperature of module body or pins for
Twave
Wave soldering temperature
5 seconds maximum.
AD suffix
°C
AS suffix
235(1)
Treflow
Solder reflow temperature
Surface temperature of module body or pins
AZ suffix
260(1)
Tstg
Storage temperature
–40 to 125(2)
Mechanical shock
Per Mil-STD-883D, Method 2002.3 1 msec, 1/2
AH and AD suffix
500
sine, mounted
AS and AZ suffix
125
G
Mechanical vibration
Mil-STD-883D, Method 2007.2 20-2000 Hz
20
Weight
5
grams
Flammability
Meets UL94V-O
(1)
During reflow of surface mount package version do not elevate peak temperature of the module, pins or internal components above the
stated maximum.
(2)
The shipping tray or tape and reel cannot be used to bake parts at temperatures higher than 65°C.
3
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn