Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PTH04T220WAST Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
No. de pieza PTH04T220WAST
Descripción Electrónicos  16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

PTH04T220WAST Datasheet(HTML) 17 Page - Texas Instruments

Back Button PTH04T220WAST Datasheet HTML 13Page - Texas Instruments PTH04T220WAST Datasheet HTML 14Page - Texas Instruments PTH04T220WAST Datasheet HTML 15Page - Texas Instruments PTH04T220WAST Datasheet HTML 16Page - Texas Instruments PTH04T220WAST Datasheet HTML 17Page - Texas Instruments PTH04T220WAST Datasheet HTML 18Page - Texas Instruments PTH04T220WAST Datasheet HTML 19Page - Texas Instruments PTH04T220WAST Datasheet HTML 20Page - Texas Instruments PTH04T220WAST Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
www.ti.com
TurboTrans™ Technology
TurboTrans™ Selection
PTH04T220W, PTH04T221W
SLTS275A – DECEMBER 2006 – REVISED FEBRUARY 2007
TurboTrans technology is a feature introduced in the T2 generation of the PTH/PTV family of power modules.
TurboTrans optimizes the transient response of the regulator with added external capacitance using a single
external resistor. Benefits of this technology include reduced output capacitance, minimized output voltage
deviation following a load transient, and enhanced stability when using ultra-low ESR output capacitors. The
amount of output capacitance required to meet a target output voltage deviation will be reduced with TurboTrans
activated. Likewise, for a given amount of output capacitance, with TurboTrans engaged, the amplitude of the
voltage deviation following a load transient will be reduced. Applications requiring tight transient voltage
tolerances and minimized capacitor footprint area will benefit greatly from this technology.
Utilizing TurboTrans requires connecting a resistor, RTT, between the +Sense pin (pin 5) and the TurboTrans pin
(pin 8). The value of the resistor directly corresponds to the amount of output capacitance required. All T2
products require a minimum value of output capacitance whether or not TurboTrans is utilized. For the
PTH04T220W, the minimum required capacitance is 220
µF. The minimum required capacitance for the
PTH04T221W is 300
µF of ceramic type. When using TurboTrans, capacitors with a capacitance × ESR product
below 10,000
µF×mΩ are required. (Multiply the capacitance (in µF) by the ESR (in mΩ) to determine the
capacitance
× ESR product.) See the Capacitor Selection section of the datasheet for a variety of capacitors that
meet this criteria.
Figure 12 thru Figure 17 show the amount of output capacitance required to meet a desired transient voltage
deviation with and without TurboTrans for several capacitor types; Type A (e.g. ceramic), Type B (e.g.
polymer-tantalum), and Type C (e.g. OS-CON). To calculate the proper value of RTT, first determine your
required transient voltage deviation limits and magnitude of your transient load step. Next, determine what type
of output capacitors will be used. (If more than one type of output capacitor is used, select the capacitor type
that makes up the majority of your total output capacitance.) Knowing this information, use the chart in Figure 12
thru Figure 17 that corresponds to the capacitor type selected. To use the chart, begin by dividing the maximum
voltage deviation limit (in mV) by the magnitude of your load step (in Amps). This gives a mV/A value. Find this
value on the Y-axis of the appropriate chart. Read across the graph to the 'With TurboTrans' plot. From this
point, read down to the X-axis which lists the minimum required capacitance, CO, to meet that transient voltage
deviation. The required RTT resistor value can then be calculated using the equation or selected from the
TurboTrans table. The TurboTrans tables include both the required output capacitance and the corresponding
RTT values to meet several values of transient voltage deviation for 25% (2.5 A), 50% (5 A), and 75% (7.5 A)
output load steps.
The chart can also be used to determine the achievable transient voltage deviation for a given amount of output
capacitance. By selecting the amount of output capacitance along the X-axis, reading up to the desired 'With
TurboTrans'' curve, and then over to the Y-axis, gives the transient voltage deviation limit for that value of output
capacitance. The required RTT resistor value can be calculated using the equation or selected from the
TurboTrans table.
As an example, let's look at a 5-V application requiring a 50 mV deviation during an 5 A, 50% load transient. A
majority of 330
µF, 10 mΩ ouput capacitors will be used. Use the 5-V, Type B capacitor chart, Figure 14.
Dividing 50 mV by 5 A gives 10 mV/A transient voltage deviation per amp of transient load step. Select 10 mV/A
on the Y-axis and read across to the 'With TurboTrans'' plot. Following this point down to the X-axis gives a
minimum required output capacitance of approximately 760
µF. The required R
TT resistor value for 760 µF can
then be calculated or selected from Table 5. The required RTT resistor is approximately 4.99 kΩ.
To see the benefit of TurboTrans, follow the 10 mV/A marking across to the 'Without TurboTrans' plot. Following
that point down shows that you would need a minimum of 2700
µF of output capacitance to meet the same
transient deviation limit. This is the benefit of TurboTrans.
17
Submit Documentation Feedback


Número de pieza similar - PTH04T220WAST

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
PTH04T220W TI-PTH04T220W_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
More results

Descripción similar - PTH04T220WAST

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
PTH04T221W TI-PTH04T221W_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T220W TI-PTH04T220W_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T241WAD TI-PTH04T241WAD Datasheet
970Kb / 38P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T230W TI-PTH04T230W Datasheet
1Mb / 35P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T260W TI-PTH04T260W Datasheet
1Mb / 35P
[Old version datasheet]   3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T230W TI-PTH04T230W_15 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED,WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
NCP1523 TI-NCP1523 Datasheet
1Mb / 35P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH04T240W TI-PTH04T240W Datasheet
949Kb / 36P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T220W TI-PTH08T220W Datasheet
1Mb / 37P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220W TI-PTH08T220W_09 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com