Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PTH08T260W Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. PTH08T260W
Descripción  3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

PTH08T260W Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH08T260W, PTH08T261W
SLTS272A – DECEMBER 2006 – REVISED MAY 2007
T
A =25°C, VI = 5 V, VO = 3.3 V, CI = 330 µF, CO1 = 200 µF ceramic, and IO = IO max (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH08T261W
MIN
TYP
MAX
UNIT
IO
Output current
Over VO range
25
°C, natural convection
0
3
A
11
×
0.69
≤ V
O≤ 1.2
4.5
VO(1)
VI
Input voltage range
Over IO range
V
1.2 < VO≤ 3.6
4.5
14
3.6 < VO≤ 5.5
VO +1(2)
14
Output adjust range
Over IO range
0.69
5.5
V
Set-point voltage tolerance
±1.0 (3)
%Vo
Temperature variation
–40
°C < T
A < 85°C
±0.25
%Vo
VO
Line regulaltion
Over VI range
±3
mV
Load regulation
Over IO range
±2
mV
Total output variation
Includes set-point, line, load, –40
°C ≤ T
A ≤ 85°C
±1.5 (3)
%VO
RSET = 169 Ω, VI = 8.0 V, VO = 5.0V
95%
RSET = 1.21 kΩ, VO = 3.3 V
92%
RSET = 2.37 kΩ, VO = 2.5 V
90%
RSET = 4.75 kΩ, VO = 1.8 V
88%
η
Efficiency
IO = 3 A
RSET = 6.98 kΩ, VO = 1.5 V
87%
RSET = 12.1 kΩ, VO = 1.2 V
85%
RSET = 20.5 kΩ, VO = 1.0 V
83%
RSET = 681 Ω, VO = 0.7 V
79%
VO Ripple (peak-to-peak)
20-MHz bandwidth
1
%VO
ILIM
Overcurrent threshold
Reset, followed by auto-recovery
5.5
A
Recovery Time
50
µSec
w/o TurboTrans
CO1 = 200 µF, ceramic
VO Overshoot
43
mV
2.5 A/µs load step
Recovery Time
70
µSec
w/o TurboTrans (4)
50% to 100% IOmax
Transient response
CO1 = 400 µF, ceramic
VI = 12 V
VO Overshoot
38
mV
VO = 3.3 V
with TurboTrans
Recovery Time
130
µSec
CO1 = 400 µF, ceramic
VO Overshoot
23
mV
RTT = 8.06 kΩ
IIL
Track input current (pin 9)
Pin to GND
-130 (5)
µA
dVtrack/dt
Track slew rate capability
CO ≤ CO (max)
1
V/ms
VI increasing, RUVLO = OPEN
4.3
4.45
Adjustable Under-voltage lockout
UVLOADJ
VI decreasing, RUVLO = OPEN
4.0
4.2
V
(pin 10)
Hysteresis, RUVLO≤ 52.3 kΩ
0.5
Input high voltage (VIH)
Open(6)
V
Inhibit control (pin 10)
Input low voltage (VIL)
-0.2
0.6
Input low current (IIL), Pin 10 to GND
235
µA
Iin
Input standby current
Inhibit (pin 10) to GND, Track (pin 9) open
5
mA
f s
Switching frequency
Over VI and IO ranges, SmartSync (pin 1) to GND
300
kHz
(1)
The maximum input voltage is duty cycle limited to (VO× 11)V or 14V, whichever is less. The maximum allowable input voltage is a
function of switching frequency, and may increase or decrease when the SmartSync feature is used. Please review the SmartSync
section of the Application Information for further guidance.
(2)
The minimum input voltage is 4.5V or (VO+1)V, whichever is greater. Additional input capacitance may be required when VI < (VO+2)V.
(3)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/°C or better temperature stability.
(4)
Without TurboTrans, the minimum ESR limit of 7 m
Ω must not be violated.
(5)
A low-leakage (<100 nA), open-drain device, such as MOSFET or voltage supervisor IC, is recommended to control pin 9. The
open-circuit voltage is less than 6.5 Vdc.
(6)
This control pin has an internal pull-up. Do not place an external pull-up on this pin. If it is left open-circuit, the module operates when
input power is applied. A small, low-leakage (<100 nA) MOSFET is recommended for control. For additional information, see the related
application information section.
6
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn