Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSTD3306L8X Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FSTD3306L8X
Descripción Electrónicos  2-Bit Low-Power Bus Switch with Level Shifting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTD3306L8X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSTD3306L8X Datasheet HTML 2Page - Fairchild Semiconductor FSTD3306L8X Datasheet HTML 3Page - Fairchild Semiconductor FSTD3306L8X Datasheet HTML 4Page - Fairchild Semiconductor FSTD3306L8X Datasheet HTML 5Page - Fairchild Semiconductor FSTD3306L8X Datasheet HTML 6Page - Fairchild Semiconductor FSTD3306L8X Datasheet HTML 7Page - Fairchild Semiconductor FSTD3306L8X Datasheet HTML 8Page - Fairchild Semiconductor FSTD3306L8X Datasheet HTML 9Page - Fairchild Semiconductor FSTD3306L8X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSTD3306 Rev. 1.2.2 • 8/9/06
6
DC Characteristics
Figure 7.
Typical High-Level Output Voltage vs. Supply Voltage (TA = -40°C, VIN = VCC)
Figure 8.
Typical High-Level Output Voltage vs. Supply Voltage (TA = 25°C, VIN = VCC)
Figure 9.
Typical High-Level Output Voltage vs. Supply Voltage (TA = 85°C, VIN = VCC)


Número de pieza similar - FSTD3306L8X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSTD3306 FAIRCHILD-FSTD3306 Datasheet
224Kb / 5P
   2-Bit Low Power Bus Switch with Level Shifting
FSTD3306MTC FAIRCHILD-FSTD3306MTC Datasheet
224Kb / 5P
   2-Bit Low Power Bus Switch with Level Shifting
More results

Descripción similar - FSTD3306L8X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NC7WBD3306 FAIRCHILD-NC7WBD3306_05 Datasheet
187Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
FSTD3306 FAIRCHILD-FSTD3306 Datasheet
224Kb / 5P
   2-Bit Low Power Bus Switch with Level Shifting
logo
ON Semiconductor
NC7WBD3125 ONSEMI-NC7WBD3125 Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
logo
Fairchild Semiconductor
NC7WBD3125 FAIRCHILD-NC7WBD3125_05 Datasheet
191Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
NC7WBD3306 FAIRCHILD-NC7WBD3306 Datasheet
196Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
NC7WBD3125 FAIRCHILD-NC7WBD3125 Datasheet
195Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
NC7SZD384 FAIRCHILD-NC7SZD384_05 Datasheet
227Kb / 11P
   1-Bit Low Power Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com