Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS60251 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS60251
Descripción Electrónicos  HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS60251 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS60251 Datasheet HTML 3Page - Texas Instruments TPS60251 Datasheet HTML 4Page - Texas Instruments TPS60251 Datasheet HTML 5Page - Texas Instruments TPS60251 Datasheet HTML 6Page - Texas Instruments TPS60251 Datasheet HTML 7Page - Texas Instruments TPS60251 Datasheet HTML 8Page - Texas Instruments TPS60251 Datasheet HTML 9Page - Texas Instruments TPS60251 Datasheet HTML 10Page - Texas Instruments TPS60251 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
90
80
70
60
50
3
4
5
6
V -InputVoltage-V
I
15mA,V =3.43V
F
25mA,V =3.79V
F
100
80
60
40
20
3
4
5
6
V -InputVoltage-V
I
0.5mA,V =2.7V
F
0.2mA,V =2.6V
F
1mA,V =2.8V
F
-40
-20
0
20
40
60
80
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1
1.05
1.10
T
-Free-AirTemperature-°C
A
I
LED
=100mA
V =3.6V
I
V =3.9V
I
V =3.3V
I
-40
-20
0
20
40
60
80
0.70
0.75
0.80
0.85
0.90
0.95
1
1.05
1.10
1.15
T
-Free-AirTemperature-°C
A
V =3.6V
I
V =3.9V
I
I
LED
=230mA
V =3.3V
I
TPS60251
SLVS767 – APRIL 2007
TYPICAL CHARACTERISTICS (continued)
DESCRIPTION
REF
Shutdown Current
Shutdown Current vs Input Voltage
Figure 9
Input Current
Input Current vs Supply Voltage, 4 Main LED
Figure 10
DM5 with Maximum 80
DM5 Current vs Input Voltage, Programmed with 80 mA
Figure 11
mA
Current Accuracy
WLED Current vs Input Voltage, 4 Main LED with 15 mA
Figure 12
EFFICIENCY
EFFICIENCY
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
(2 Sub LED with Light Load Condition,
(4 Main LED - 15mA, 25mA)
× 1 Mode Operation)
Figure 3.
Figure 4.
SWITCH RESISTANCE
SWITCH RESISTANCE
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
(
×1 Mode)
(
×1 Mode)
Figure 5.
Figure 6.
7
Submit Documentation Feedback


Número de pieza similar - TPS60251

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI1-TPS60250 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTE TI-TPS60250RTE Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTE TI-TPS60250RTE Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
More results

Descripción similar - TPS60251

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI1-TPS60250_14 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250_08 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60255 TI1-TPS60255 Datasheet
720Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs DRIVER WITH 1 WIRE INTERFACE
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com