Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61080DRCR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61080DRCR
Descripción Electrónicos  HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61080DRCR Datasheet(HTML) 2 Page - Texas Instruments

  TPS61080DRCR Datasheet HTML 1Page - Texas Instruments TPS61080DRCR Datasheet HTML 2Page - Texas Instruments TPS61080DRCR Datasheet HTML 3Page - Texas Instruments TPS61080DRCR Datasheet HTML 4Page - Texas Instruments TPS61080DRCR Datasheet HTML 5Page - Texas Instruments TPS61080DRCR Datasheet HTML 6Page - Texas Instruments TPS61080DRCR Datasheet HTML 7Page - Texas Instruments TPS61080DRCR Datasheet HTML 8Page - Texas Instruments TPS61080DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
L
1
10
SW
Charge
Pump
2
VIN
EN
SC
Ramp
Generator
Oscillator
FB
5
Clamp
MUX
BandGap
1.229V
SS
EN
PWM
Control
Current
Sensor
Error
Amplifer
OVP
Thermal
Shutdown
OVP
ShortCircuit
9
OUT
FSW
7
PGND
8
SC
OVP
1.2MHz
600KHz
6
3
GND
4
+
FB
R1
R2
R3
C3
C2
Cs
C1
L1
TPS61080
TPS61081
SLVS644B – FEBRUARY 2006 – REVISED JANUARY 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
The inductor is connected between this pin and the SW pin. This pin connects to the source of the
L
1
I
isolation FET as well. Minimize trace area at this pin to reduce EMI.
Input pin to the IC. It is the input to the boost regulator, and also powers the IC circuit. It is connected to
VIN
2
I
the drain of the isolation FET as well.
Enable pin. When the voltage of this pin falls below enable threshold for more than 74ms, the IC turns off
EN
6
I
and consumes less than 2
µA current.
GND
4
Signal ground of the IC
Power ground of the IC. It is connected to the source of the PWM switch. This pin should be made very
PGND
8
close to the output capacitor in layout.
Voltage feedback pin for the output regulation. It is regulated to an internal reference voltage. An external
FB
5
I
voltage divider from the output to GND with the center tap connected to this pin programs the regulated
voltage. This pin can also be connected to a low side current sense resistor to program current regulation.
Output of the boost regulator. When the output voltage exceeds the 27V overvoltage protection (OVP)
OUT
9
O
threshold, the PWM switch turns off until Vout drops 0.7V below the overvoltage threshold.
SW
10
I
Switching node of the IC. Connect the inductor between this pin and the L pin.
SS
3
I
Soft start programming pin. A capacitor between the SS pin and GND pin programs soft start timing.
Switching frequency selection pin. Logic high on the pin selects 1.2MHz, while logic low reduces the
FSW
7
I
frequency to 600KHz for better light load efficiency.
The thermal pad should be soldered to the analog ground. If possible, use thermal via to connect to
Thermal Pad
ground plane for ideal power dissipation.
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback


Número de pieza similar - TPS61080DRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61080DRCR TI1-TPS61080DRCR Datasheet
1Mb / 27P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
TPS61080DRCRG4 TI1-TPS61080DRCRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
More results

Descripción similar - TPS61080DRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61081DRCTG4 TI1-TPS61081DRCTG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
LP8543 TI-LP8543 Datasheet
1Mb / 40P
[Old version datasheet]   High-Voltage DC/DC Boost Converter With Integrated FET
logo
Linear Technology
LTC3129-1 LINER-LTC3129-1 Datasheet
339Kb / 8P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
LTC3129 LINER-LTC3129 Datasheet
1Mb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
logo
Texas Instruments
TPS61200 TI-TPS61200_08 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
logo
Semtech Corporation
SC419 SEMTECH-SC419 Datasheet
579Kb / 24P
   EcoSpeedTM DC-DC Converter with Integrated Boost Diode
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com