Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61050DRCTG4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS61050DRCTG4
Descripción Electrónicos  1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61050DRCTG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61050DRCTG4 Datasheet HTML 1Page - Texas Instruments TPS61050DRCTG4 Datasheet HTML 2Page - Texas Instruments TPS61050DRCTG4 Datasheet HTML 3Page - Texas Instruments TPS61050DRCTG4 Datasheet HTML 4Page - Texas Instruments TPS61050DRCTG4 Datasheet HTML 5Page - Texas Instruments TPS61050DRCTG4 Datasheet HTML 6Page - Texas Instruments TPS61050DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS61050DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS61050DRCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
www.ti.com
DEVICE INFORMATION
I2C TIMING DIAGRAMS
tf
tLOW
tr
thd;STA
thd;DAT
tsu;DAT
tf
HIGH
tsu;STA
S
Sr
P
S
thd;STA
tr
tBUF
tsu;STO
SDA
SCL
PIN ASSIGMENTS
TPS61050
TPS61052
SLUS525 – MARCH 2007
Figure 3. Serial Interface Timing for F/S-Mode
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NO.
NO.
NAME
(QFN)
(CSP)
AVIN
5
D3
I
This is the input voltage pin of the device. Connect directly to the input bypass capacitor.
VOUT
9
A2
O
Boost converter output.
LED
6
D2
I
LED return input. This feedback pin regulates the LED current through the internal sense
resistor by regulating the voltage across it. The regulation operates with typically 250 mV
dropout voltage. Connect to the cathode of the LED.
FLASH_SYNC
10
A1
I
Flash strobe pulse synchronization input.
FLASH_SYNC = LOW (GND): The device is operating and regulating the LED current to
the torch current level (TC).
FLASH_SYNC = HIGH (VIN): The device is operating and regulating the LED current to
the flash current level (FC).
SCL
2
B3
I
Serial interface clock line. This pin must not be left floating and must be terminated.
SDA
1
A3
I/O
Serial interface address/data line. This pin must not be left floating and must be terminated.
GPIO
3
C3
I/O
General purpose input/output (refer to REGISTER2). This pin can either be configured as a
logic input or as an open-drain output (TPS61050).
ENVM
3
C3
I
Enable pin for voltage mode boost converter (TPS61052).
SW
8
B1, B2
I/O
Inductor connection. Drain of the internal power MOSFET. Connect to the switched side of
the inductor. SW is high impedance during shutdown.
PGND
7
C1, C2
Power ground. Connect to AGND underneath IC.
AGND
4
D1
Analog ground.
PowerPAD™
N/A
Internally connected to PGND.
5
Submit Documentation Feedback


Número de pieza similar - TPS61050DRCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61050DRCT TI1-TPS61050DRCT Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
More results

Descripción similar - TPS61050DRCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61054 TI-TPS61054 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI-TPS61054_08 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
   High power white LED driver with I2C??interface
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com