Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3808G15DRVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3808G15DRVT
Descripción Electrónicos  Low Quiescent Current, Programmable-Delay Supervisory Circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3808G15DRVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS3808G15DRVT Datasheet HTML 1Page - Texas Instruments TPS3808G15DRVT Datasheet HTML 2Page - Texas Instruments TPS3808G15DRVT Datasheet HTML 3Page - Texas Instruments TPS3808G15DRVT Datasheet HTML 4Page - Texas Instruments TPS3808G15DRVT Datasheet HTML 5Page - Texas Instruments TPS3808G15DRVT Datasheet HTML 6Page - Texas Instruments TPS3808G15DRVT Datasheet HTML 7Page - Texas Instruments TPS3808G15DRVT Datasheet HTML 8Page - Texas Instruments TPS3808G15DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS3808
SBVS050F – MAY 2004 – REVISED OCTOBER 2006
1.8V
≤ V
DD ≤ 6.5V, RLRESET = 100kΩ, CLRESET = 50pF, over operating temperature range (TJ = –40°C to +125°C), unless
otherwise noted. Typical values are at T
J = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input supply range
1.8
6.5
V
VDD = 3.3V, RESET not asserted
2.4
5.0
µA
MR, RESET, CT open
IDD
Supply current (current into VDD pin)
VDD = 6.5V, RESET not asserted
2.7
6.0
µA
MR, RESET, CT open
1.3V
≤ V
DD < 1.8V, IOL = 0.4mA
0.3
V
VOL
Low-level output voltage
1.8V
≤ V
DD ≤ 6.5V, IOL = 1.0mA
0.4
V
Power-up reset voltage(1)
VOL (max) = 0.2V, IRESET = 15µA
0.8
V
TPS3808G01
–2.0
±1.0
+2.0
VIT ≤ 3.3V
–1.5
±0.5
+1.5
Negative-going
VIT
input threshold
3.3V < VIT ≤ 5.0V
–2.0
±1.0
+2.0
%
accuracy
VIT ≤ 3.3V
–40
°C < T
J < +85°C
–1.25
±0.5
+1.25
3.3V < VIT ≤ 5.0V
–40
°C < T
J < +85°C
–1.5
±0.5
+1.5
TPS3808G01
1.5
3.0
VHYS
Hysteresis on VIT pin
–40
°C < T
J < +85°C
1.0
2.0
%VIT
Fixed versions
1.0
2.5
RMR
MR Internal pull-up resistance
70
90
k
TPS3808G01
VSENSE = VIT
–25
25
nA
Input current at
ISENSE
SENSE pin
Fixed versions
VSENSE = 6.5V
1.7
µA
IOH
RESET leakage current
VRESET = 6.5V, RESET not asserted
300
nA
CT pin
VIN = 0V to VDD
5
Input capacitance,
CIN
pF
any pin
Other pins
VIN = 0V to 6.5V
5
VIL
MR logic low input
0.3 VDD
V
VIH
MR logic high input
0.7 VDD
SENSE
VIH = 1.05VIT, VIL = 0.95VIT
20
Maximum transient
tw
µs
duration
MR
VIH = 0.7VDD, VIL = 0.3VDD
0.001
CT = Open
12
20
28
ms
CT = VDD
180
300
420
ms
td
RESET delay time
See timing diagram
CT = 100pF
0.75
1.25
1.75
ms
CT = 180nF
0.7
1.2
1.7
s
Propagation delay
MR to RESET
VIH = 0.7VDD, VIL = 0.3VDD
150
ns
tpHL
High to low level
SENSE to RESET
VIH = 1.05VIT, VIL = 0.95VIT
20
µs
RESET delay
θ
JA
Thermal resistance, junction-to-ambient
290
°C/W
(1)
The lowest supply voltage (VDD) at which RESET becomes active. Trise(VDD) ≥ 15µs/V.
3
Submit Documentation Feedback


Número de pieza similar - TPS3808G15DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3808G15DRVT TI-TPS3808G15DRVT Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G15DRVT TI-TPS3808G15DRVT Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G15DRVT TI-TPS3808G15DRVT Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G15DRVT TI-TPS3808G15DRVT Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G15DRVT TI-TPS3808G15DRVT Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Descripción similar - TPS3808G15DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com