Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62401DRCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62401DRCT
Descripción Electrónicos  2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62401DRCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62401DRCT Datasheet HTML 3Page - Texas Instruments TPS62401DRCT Datasheet HTML 4Page - Texas Instruments TPS62401DRCT Datasheet HTML 5Page - Texas Instruments TPS62401DRCT Datasheet HTML 6Page - Texas Instruments TPS62401DRCT Datasheet HTML 7Page - Texas Instruments TPS62401DRCT Datasheet HTML 8Page - Texas Instruments TPS62401DRCT Datasheet HTML 9Page - Texas Instruments TPS62401DRCT Datasheet HTML 10Page - Texas Instruments TPS62401DRCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
SW1
FB1
SW2
ADJ2
DEF_1
VIN2.5V – 6V
VIN
EN_1
EN_2
MODE/
DATA
TPS62400
GND
L
C
10 F
IN
m
R11
R12
1
2.2 H
LSP4018
m
VOUT1
C
2x10 F
GRM21BR61A106K
OUT1
m
VOUT2
R21
R22
L2
C ff2
33pF
2.2 H
LSP4018
m
C
2x10 F
GRM21BR61A106K
OUT2
m
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS AND FIGURES
TPS62400
,, TPS62401
TPS62402, TPS62403
SLVS681D – JUNE 2006 – REVISED FEBRUARY 2007
FIGURE NO.
Efficiency TPS62401 VOUT1 = 1.1V
1
Efficiency TPS62401 VOUT1 = 1.575V
2
Efficiency VOUT 2 = 1.8V
3
Efficiency TPS62400 VOUT2 = 3.3V
4
Efficiency TPS62402
5
Efficiency TPS62403
6
Efficiency
vs VIN
7,8
DC Output Accuracy VOUT1 = 1.1V
9
DC Output Accuracy VOUT2 = 3.3V
10
DC Output Accuracy VOUT2 = 1.8V
11
DC Output Accuracy VOUT1 1.575V, L = 2.2µH, COUT = 22µF
12
DC Output Accuracy VOUT1 1.575V, L = 3.3µH, COUT = 10µF
13
FOSC
vs VIN
14
Iq for one converter
15
Iq for both converters, not switching
16
RDSON PMOS
vs VIN
17
RDSON NMOS
vs VIN
18
Light Load Output Voltage Ripple in Power Save Mode
19
Output Voltage Ripple in Forced PWM Mode
20
Output Voltage Ripple in PWM Mode
21
Forced PWM/ PFM Mode Transition
22
Load Transient Response PFM/PWM
23
Load Transient Response PWM Operation
24
Line Transient Response
25
Startup Timing One Converter
26
7
Submit Documentation Feedback


Número de pieza similar - TPS62401DRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62401DRCT TI-TPS62401DRCT Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401DRCT TI-TPS62401DRCT Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401DRCT TI-TPS62401DRCT Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401DRCTG4 TI-TPS62401DRCTG4 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401DRCTG4 TI-TPS62401DRCTG4 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Descripción similar - TPS62401DRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com