Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65810RTQR Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS65810RTQR
Descripción Electrónicos  SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS65810RTQR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65810RTQR Datasheet HTML 6Page - Texas Instruments TPS65810RTQR Datasheet HTML 7Page - Texas Instruments TPS65810RTQR Datasheet HTML 8Page - Texas Instruments TPS65810RTQR Datasheet HTML 9Page - Texas Instruments TPS65810RTQR Datasheet HTML 10Page - Texas Instruments TPS65810RTQR Datasheet HTML 11Page - Texas Instruments TPS65810RTQR Datasheet HTML 12Page - Texas Instruments TPS65810RTQR Datasheet HTML 13Page - Texas Instruments TPS65810RTQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS – POWER PATH AND CHARGE MANAGEMENT (Continued)
TPS65810
TPS65811
SLVS658B – MARCH 2006 – REVISED FEBRUARY 2007
Over recommended operating conditions (typical values at T
J = 25°C), circuit as in Figure 3 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BATTERY RECHARGE DETECTION
New charge cycle starts if V(BAT) < VO(BATREG)– VRCH, after
VRCH
Recharge threshold voltage
80
100
130
mV
termination was detected
Deglitch time for recharge
tDGL(RCH)
RTMR = 50 kΩ
22.5
ms
detection
DPPM FUNCTION
VDPPM
DPPM regulation point range
V(DPPM) = RDPPM× KDPPMM× IO(DPPM)
2.6
4.4
V
IO(DPPM)
DPPM pin current source
AC or USB Present
95
100
105
µA
KDPPM
DPPM scaling factor
1.139
1.15
1.162
tDGL(DPPM
Status bit set indicating DPPM loop active after deglitch time,
DPPM de-glitch time
500
µs
)
RTMR = 50 kΩ
CHARGE AND PRE-CHARGE SAFETY TIMER
Charge safety timer
Safety timer range, thermal/DPPM loop not active,
tCHG
3
5
10
h
programmed value
tCHG = RTMR× KTMR
KTMR
Charge timer set factor
0.313
0.36
0.414
s/
Total elapsed time when DPPM
Fast charge on, tCHGADD is the maximum add-on time added to
tCHGADD
2
× t
CHG
h
or thermal loop are active
tCHG
Precharge safety timer
Pre charge safety timer range, thermal/DPPM loop not active,
min
tPRECHG
18
30
60
programmed value
tPRECHG = KPRE× RTMR× KTMR
KPRE
Pre-charge timer set factor
0.09
0.1
0.11
Total elapsed time when DPPM
Pre-charge on, tPCHGADD is the maximum add-on time added to
tPCHGADD
2
× t
PRECHG
h
or thermal loop are active
tPRECHG
RTMR
External timer resistor limits
30
100
k
Timer fault recovery pullup
Internal resistor connected from OUT to BAT after safety timer
RTMR(FLT)
1
k
resistor
timeout
THERMAL REGULATION LOOP
Charge current decreased and timer extended when TJ >
°C
TTHREG
Temperature regulation limit
115
135
TTHREG
CHARGER THERMAL SHUTDOWN
TTHCHG
Charger thermal shutdown
Charger turned off when TJ>TTHCHG
150
°C
Charger thermal shutdown
THCHGHYS
30
hystersis
10
Submit Documentation Feedback


Número de pieza similar - TPS65810RTQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65810RTQ TI-TPS65810RTQ Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
More results

Descripción similar - TPS65810RTQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800_07 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
logo
AiT Semiconductor Inc.
A4006 AITSEMI-A4006 Datasheet
426Kb / 6P
   BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP
REV1.1
logo
List of Unclassifed Man...
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
   Enhanced Single Cell Li-Battery and Power System Management IC
AXP199 ETC2-AXP199 Datasheet
1Mb / 50P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP209 ETC2-AXP209 Datasheet
2Mb / 45P
   Enhanced single Cell Li-Battery and Power System Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com