Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS12A4514DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TS12A4514DR
Descripción Electrónicos  LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS12A4514DR Datasheet(HTML) 2 Page - Texas Instruments

  TS12A4514DR Datasheet HTML 1Page - Texas Instruments TS12A4514DR Datasheet HTML 2Page - Texas Instruments TS12A4514DR Datasheet HTML 3Page - Texas Instruments TS12A4514DR Datasheet HTML 4Page - Texas Instruments TS12A4514DR Datasheet HTML 5Page - Texas Instruments TS12A4514DR Datasheet HTML 6Page - Texas Instruments TS12A4514DR Datasheet HTML 7Page - Texas Instruments TS12A4514DR Datasheet HTML 8Page - Texas Instruments TS12A4514DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
PIN CONFIGURATIONS
IN
1
2
8
7
NO
COM
3
4
6
5
1
2
8
7
NC
COM
3
4
6
5
N.C. = Not internally connected
NO
1
5
2
3
NC
1
5
2
3
4
INPUT
OFF
ON
AE = TS12A4514
AF = TS12A4515
COM
COM
GND
GND
GND
GND
IN
IN
IN
NC
NC
NC
NC
SWITCH STATE
TS12A4514
OFF
ON
LOW
HIGH
MARKNG INFORMATION (SOTs only)
LOT SPECIFIC CODE
XX XX
NC
TS12A4515
TS12A4514
D OR P PACKAGE
(TOP VIEW)
NC
TS12A4515
D OR P PACKAGE
(TOP VIEW)
TS12A4514
SOT-23 PACKAGE
(TOP VIEW)
TS12A4515
SOT-23 PACKAGE
(TOP VIEW)
4
V+
V+
V+
V+
NO = Normally open
Absolute Minimum and Maximum Ratings
(1) (2)
TS12A4514
,, TS12A4515
LOW-VOLTAGE, LOW ON-STATE RESISTANCE
SPST CMOS ANALOG SWITCHES
SCDS193B – AUGUST 2006 – REVISED MARCH 2007
voltages referenced to GND
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.3
13
V
VNC
V+ + 0.3
VNO
Analog voltage range(4)
–0.3
V
or
±20 mA
VCOM
Continuous current into any terminal
±20
mA
Peak current, NO or COM (pulsed at 1 ms, 10% duty cycle)
±30
mA
ESD per method 3015.7
>2000
V
8-pin plastic DIP (derate 9.09 mW/
°C above 70°C)
727
Continuous power dissipation (TA = 70°C)
8-pin SOIC (derate 5.88 mW/
°C above 70°C)
471
mW
5-pin SOT-23 (derate 7.1 mW/
°C above 70°C)
571
TA
Operating temperature range
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
Voltages exceeding V+ or GND on any signal terminal are clamped by internal diodes. Limit forward-diode current to maximum current
rating.
2
Submit Documentation Feedback


Número de pieza similar - TS12A4514DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS12A4514 TI1-TS12A4514 Datasheet
717Kb / 19P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
TS12A4514 TI1-TS12A4514_14 Datasheet
717Kb / 19P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514_15 Datasheet
683Kb / 18P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
More results

Descripción similar - TS12A4514DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4514 MAXIM-MAX4514 Datasheet
80Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4514 MAXIM-MAX4514_V01 Datasheet
396Kb / 8P
    Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
2005
logo
Texas Instruments
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com