Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

J113 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza J113
Descripción Electrónicos  N-Channel Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J113 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  J113 Datasheet HTML 1Page - Fairchild Semiconductor J113 Datasheet HTML 2Page - Fairchild Semiconductor J113 Datasheet HTML 3Page - Fairchild Semiconductor J113 Datasheet HTML 4Page - Fairchild Semiconductor J113 Datasheet HTML 5Page - Fairchild Semiconductor J113 Datasheet HTML 6Page - Fairchild Semiconductor J113 Datasheet HTML 7Page - Fairchild Semiconductor J113 Datasheet HTML 8Page - Fairchild Semiconductor J113 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
5
Typical Characteristics (continued)
Transfer Characteristics
-3
-2
-1
0
0
10
20
30
40
V
- GATE-SOURCE VOLTAGE (V)
GS
V
= - 3.0 V
GS(off)
25°C
V
= 15 V
DS
V
= - 2.0 V
GS(off)
125°C
- 55°C
25°C
- 55°C
125°C
Transfer Characteristics
-1.5
-1
-0.5
0
0
4
8
12
16
V
- GATE-SOURCE VOLTAGE (V)
GS
V
= - 1.6 V
GS(off)
25°C
V
= 15 V
DS
V
= - 1.1 V
GS(off)
125°C
- 55°C
25°C
- 55°C
125°C
Transfer Characteristics
-3
-2
-1
0
0
10
20
30
V
- GATE-SOURCE VOLTAGE (V)
GS
V
= - 3.0 V
GS(off)
25°C
V
= 15 V
DS
V
= - 2.0 V
GS(off)
125°C
- 55°C
25°C
125°C
- 55°C
Transfer Characteristics
-1.5
-1
-0.5
0
0
10
20
30
V
- GATE-SOURCE VOLTAGE (V)
GS
V
= - 1.6 V
GS(off)
25°C
V
= 15 V
DS
V
= - 1.1 V
GS(off)
125°C
- 55°C
25°C
125°C
- 55°C
On Resistance vs Drain Current
12
5
10
20
50
100
10
20
50
100
I
- DRAIN CURRENT (mA)
D
V
TYP = - 7.0V
GS(off)
25°C
125°C
25°C
125°C
r
@ V
= 0
GS
- 55°C
DS
V
TYP = - 2.0V
GS(off)
- 55°C
N-Channel Switch
(continued)
Normalized Drain Resistance
vs Bias Voltage
0
0.2
0.4
0.6
0.8
1
1
2
5
10
20
50
100
V
/V
- NORMALIZED GATE-SOURCE VOLTAGE (V)
GS
r
=
DS
V
@ 5.0V, 10
µA
GS(off)
r DS
________
VGS(off)
V
GS
1 -
GS(off)


Número de pieza similar - J113

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
J113 PHILIPS-J113 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
logo
Calogic, LLC
J113 CALOGIC-J113 Datasheet
31Kb / 1P
   N-Channel JFET Switch
logo
Fairchild Semiconductor
J113 FAIRCHILD-J113 Datasheet
101Kb / 5P
   N-Channel Switch
logo
InterFET Corporation
J113 INTERFET-J113 Datasheet
98Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
Calogic, LLC
J113 CALOGIC-J113 Datasheet
21Kb / 1P
   N-Channel JFET Switch
More results

Descripción similar - J113

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
   N-Channel Switch
PN4091 FAIRCHILD-PN4091 Datasheet
55Kb / 3P
   N-Channel Switch
PN4391 FAIRCHILD-PN4391 Datasheet
474Kb / 10P
   N-Channel Switch
PN5432 FAIRCHILD-PN5432 Datasheet
300Kb / 7P
   N-Channel Switch
U1898 FAIRCHILD-U1898 Datasheet
26Kb / 3P
   N-Channel Switch
MMBFJ110 FAIRCHILD-MMBFJ110_11 Datasheet
183Kb / 5P
   N-Channel Switch
J109D27Z FAIRCHILD-J109D27Z Datasheet
135Kb / 7P
   N-Channel Switch
logo
ON Semiconductor
J109 ONSEMI-J109 Datasheet
1Mb / 8P
   N-Channel Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
MMBF5434 FAIRCHILD-MMBF5434 Datasheet
73Kb / 4P
   N-Channel Switch
MMBFJ108 FAIRCHILD-MMBFJ108 Datasheet
169Kb / 7P
   N-Channel Switch
PF5103 FAIRCHILD-PF5103 Datasheet
151Kb / 6P
   N-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com