Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS71933-33DRVTG4 Datasheet(PDF) 7 Page - Texas Instruments

No. de Pieza. TPS71933-33DRVTG4
Descripción  Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS71933-33DRVTG4 Datasheet(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
80
70
60
50
40
30
20
10
0
V
(V)
IN
3.0
4.0
3.2
3.4
3.6
3.8
V
=2.80V
OUT
I
=5mA
OUT
10kHz
1kHz
100kHz
1MHz
90
80
70
60
50
40
30
20
10
0
10
100k
10M
Frequency(Hz)
1k
10k
100
1M
5mA
100mA
200mA
80
70
60
50
40
30
20
10
0
V
(V)
IN
3.0
4.0
3.2
3.4
3.6
3.8
V
=2.80V
I
=200mA
OUT
OUT
10kHz
1kHz
100kHz
1MHz
10
1
0.1
0.01
100
10k
100k
Frequency(Hz)
1k
V
=2.80V
OUT
20 s/div
m
I
OUT1
V
OUT1
V
OUT2
250mA/div
10mV/div
10mV/div
=200mA/ s
m
dI
OUT
dt
I
=3mA
OUTmin
10 s/div
m
3.3V
6.5V
1V/div
10mV/div
10mV/div
V
IN
V
OUT1
V
OUT2
=1V/ s
m
dV
IN
dt
TPS718xx
TPS719xx
SBVS088A – FEBRUARY 2007 – REVISED MARCH 2007
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater; IOUT = 0.5mA,
VEN1 = VEN2 = VIN, COUT = 1.0µF, unless otherwise noted. Typical values are at TJ = +25°C.
POWER-SUPPLY RIPPLE REJECTION vs
POWER-SUPPLY RIPPLE REJECTION vs
FREQUENCY (VIN– VOUT = 1V)
INPUT VOLTAGE
Figure 14.
Figure 15.
POWER-SUPPLY RIPPLE REJECTION vs
OUTPUT SPECTRAL NOISE DENSITY vs
INPUT VOLTAGE
FREQUENCY
Figure 16.
Figure 17.
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 18.
Figure 19.
7
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn