Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP411BDGKTG4 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza TMP411BDGKTG4
Descripción Electrónicos  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP411BDGKTG4 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button TMP411BDGKTG4 Datasheet HTML 3Page - Burr-Brown (TI) TMP411BDGKTG4 Datasheet HTML 4Page - Burr-Brown (TI) TMP411BDGKTG4 Datasheet HTML 5Page - Burr-Brown (TI) TMP411BDGKTG4 Datasheet HTML 6Page - Burr-Brown (TI) TMP411BDGKTG4 Datasheet HTML 7Page - Burr-Brown (TI) TMP411BDGKTG4 Datasheet HTML 8Page - Burr-Brown (TI) TMP411BDGKTG4 Datasheet HTML 9Page - Burr-Brown (TI) TMP411BDGKTG4 Datasheet HTML 10Page - Burr-Brown (TI) TMP411BDGKTG4 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TMP411
SBOS383A − FEBRUARY 2007
www.ti.com
7
SERIES RESISTANCE CANCELLATION
Series resistance in an application circuit that typically
results from printed circuit board (PCB) trace resistance
and remote line length (see Figure 11) is automatically
cancelled by the TMP411, preventing what would
otherwise result in a temperature offset.
A total of up to 3k
Ω of series line resistance is cancelled
by the TMP411, eliminating the need for additional
characterization and temperature offset correction.
See the two Remote Temperature Error vs Series
Resistance typical characteristics curves for details on the
effect of series resistance and power-supply voltage on
sensed remote temperature error.
DIFFERENTIAL INPUT CAPACITANCE
The TMP411 tolerates differential input capacitance of up
to 1000pF with minimal change in temperature error. The
effect of capacitance on sensed remote temperature error
is illustrated in typical characteristic Remote Temperature
Error vs Differential Capacitance.
TEMPERATURE MEASUREMENT DATA
Temperature measurement data is taken over a default
range of 0
°C to +127°C for both local and remote locations.
Measurements from −55
°C to +150°C can be made both
locally and remotely by reconfiguring the TMP411 for the
extended temperature range. To change the TMP411
configuration
from
the
standard
to
the
extended
temperature range, switch bit 2 (RANGE) of the
Configuration Register from low to high.
Temperature data resulting from conversions within the
default measurement range is represented in binary form,
as shown in Table 1, Standard Binary column. Note that
any temperature below 0
°C results in a data value of zero
(00h). Likewise, temperatures above +127
°C result in a
value of 127 (7Fh). The device can be set to measure over
an extended temperature range by changing bit 2 of the
Configuration Register from low to high. The change in
measurement range and data format from standard binary
to extended binary occurs at the next temperature
conversion.
For
data
captured
in
the
extended
temperature range configuration, an offset of 64 (40h) is
added to the standard binary value, as shown in Table 1,
Extended Binary column. This configuration allows
measurement of temperatures below 0
°C. Note that binary
values corresponding to temperatures as low as −64
°C,
and as high as +191
°C are possible; however, most
temperature sensing diodes only measure with the range
of −55
°C to +150°C. Additionally, the TMP411 is rated only
for ambient temperatures ranging from −40
°C to +125°C.
Parameters in the Absolute Maximum Ratings table must
be observed.
Table 1. Temperature Data Format
(Local and Remote Temperature High Bytes)
LOCAL/REMOTE TEMPERATURE REGISTER
HIGH BYTE VALUE (+1
°C RESOLUTION)
TEMP
STANDARD BINARY
EXTENDED BINARY
TEMP
(
°C)
BINARY
HEX
BINARY
HEX
−64
0000 0000
00
0000 0000
00
−50
0000 0000
00
0000 1110
0E
−25
0000 0000
00
0010 0111
27
0
0000 0000
00
0100 0000
40
1
0000 0001
01
0100 0001
41
5
0000 0101
05
0100 0101
45
10
0000 1010
0A
0100 1010
4A
25
0001 1001
19
0101 1001
59
50
0011 0010
32
0111 0010
72
75
0100 1011
4B
1000 1011
8B
100
0110 0100
64
1010 0100
A4
125
0111 1101
7D
1011 1101
BD
127
0111 1111
7F
1011 1111
BF
150
0111 1111
7F
1101 0110
D6
175
0111 1111
7F
1110 1111
EF
191
0111 1111
7F
1111 1111
FF
NOTE: Whenever changing between standard and
extended temperature ranges, be aware that the
temperatures stored in the temperature limit registers are
NOT automatically reformatted to correspond to the new
temperature range format. These temperature limit values
must be reprogrammed in the appropriate binary or
extended binary format.
Both local and remote temperature data use two bytes for
data storage. The high byte stores the temperature with
1
°C resolution. The second or low byte stores the decimal
fraction value of the temperature and allows a higher
measurement resolution; see Table 2. The measurement
resolution for the remote channel is 0.0625
°C, and is not
adjustable. The measurement resolution for the local
channel is adjustable; it can be set for 0.5
°C, 0.25°C,
0.125
°C, or 0.0625°C by setting the RES1 and RES0 bits
of the Resolution Register; see the Resolution Register
section.


Número de pieza similar - TMP411BDGKTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
TMP411BDGKTG4 BURR-BROWN-TMP411BDGKTG4 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411BDGKTG4 TI-TMP411BDGKTG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411BDGKTG4 TI1-TMP411BDGKTG4 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Descripción similar - TMP411BDGKTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com