Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS3808G12DRVTG4 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
TPS3808G12DRVTG4 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 21 page www.ti.com C T (nF) + tD (s)*0.5 10*3 (s) 175 (1) 1.2V 3.3V TPS3808G12 TPS3808G33 DSP SENSE V DD V DD SENSE V I/O V CORE GPIO GND GND GND RESET MR C T C T RESET IMMUNITY TO SENSE PIN VOLTAGE 3.3V TP S 38 08xx x V DD SENSE C T 90k Ω G ND SELECTING THE RESET DELAY TIME Delay (s) = CT (nF) + 0.5 x 10−3 (s) 20ms Delay 300ms Delay (c) (b) (a) 175 3.3V TPS3808G33 V DD SENSE C T RESET 3.3V TPS3808G33 V DD SENSE C T C T RESET 3.3V TPS3808G33 V DD SENSE C T 50k Ω RESET TPS3808 SBVS050F – MAY 2004 – REVISED OCTOBER 2006 affected by the choice of resistor. Figure 14b shows a fixed 20ms delay time by leaving the CT pin open. Figure 14c shows a ground referenced capacitor connected to CT for a user-defined program time between 1.25ms and 10s. The capacitor CT should be ≥ 100pF nominal value in order for the TPS3808xxx to recognize that the capacitor is present. The capacitor value for a given delay time can be calculated using the following equation: The reset delay time is determined by the time it Figure 12. Using MR to Monitor Multiple System takes an on-chip precision 220nA current source to Voltages charge the external capacitor to 1.23V. When a RESET is asserted the capacitor is discharged. When the RESET conditions are cleared, the internal current source is enabled and begins to charge the external capacitor. When the voltage on this capacitor reaches 1.23V, RESET is de-asserted. Note that a low leakage type capacitor such as a ceramic should be used, and that stray capacitance around this pin may cause errors in the reset delay time. TRANSIENTS Figure 13. Using an External MOSFET to The TPS3808 is relatively immune to short negative Minimize IDD When MR Signal Does Not Go to VDD transients on the SENSE pin. Sensitivity to transients is dependent on threshold overdrive, as shown in the Maximum Transient Duration at Sense vs Sense Threshold Overdrive Voltage graph (Figure 6) in the The TPS3808 has three options for setting the Typical Characteristics section. RESET delay time as shown in Figure 14. Figure 14a shows the configuration for a fixed 300ms typical delay time by tying CT to VDD; a resistor from 40k Ω to 200kΩ must be used. Supply current is not Figure 14. Configuration Used to Set the RESET Delay Time 9 Submit Documentation Feedback |
Número de pieza similar - TPS3808G12DRVTG4 |
|
Descripción similar - TPS3808G12DRVTG4 |