Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA5M0365RYDTU Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza KA5M0365RYDTU
Descripción Electrónicos  Fairchild Power Switch(FPS)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5M0365RYDTU Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button KA5M0365RYDTU Datasheet HTML 4Page - Fairchild Semiconductor KA5M0365RYDTU Datasheet HTML 5Page - Fairchild Semiconductor KA5M0365RYDTU Datasheet HTML 6Page - Fairchild Semiconductor KA5M0365RYDTU Datasheet HTML 7Page - Fairchild Semiconductor KA5M0365RYDTU Datasheet HTML 8Page - Fairchild Semiconductor KA5M0365RYDTU Datasheet HTML 9Page - Fairchild Semiconductor KA5M0365RYDTU Datasheet HTML 10Page - Fairchild Semiconductor KA5M0365RYDTU Datasheet HTML 11Page - Fairchild Semiconductor KA5M0365RYDTU Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
KA5X03XX-SERIES
8
Typical Performance Characteristics (Continued)
(KA5H0380R, KA5M0380R, KA5L0380R)
10-5
10-4
10-3
10-2
10-1
100
101
10-2
10-1
100
single pulse
0.2
0.1
0.01
0.02
0.05
D=0.5
@ Notes :
1. ZθJC(t)=1.25
o C/W Max.
2. Duty Factor, D=t
1 /t2
3. T
JM -TC =PDM *Zθ JC (t)
t
1 , S quare Wave Pulse Dura tion
[sec]
-50
0
50
100
150
0.8
0.9
1.0
1.1
1.2
@ Notes :
1. V
GS = 0V
2. I
D = 250µA
T
J, Junction Temperature [
oC]
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
T
J, Junction Temperature [
oC]
@ Notes:
1. V
GS = 10V
2. I
D = 1.5 A
101
102
103
10-2
10-1
100
101
102
100 µs
DC
10 µs
1 ms
10 ms
@ Notes :
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
Operation in This Area
is Limited by R
DS(on)
VDS , Drain-Source Voltage [V]
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
C, Case Temperature [
oC]
Figure 7. Breakdown Voltage vs. Temperature
Figure 8. On-Resistance vs. Temperature
Figure 9. Max. Safe Operating Area
Figure 10. Max. Drain Current vs. Case Temperature
Figure 11. Thermal Response


Número de pieza similar - KA5M0365RYDTU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA5M0365RYDTU FAIRCHILD-KA5M0365RYDTU Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
More results

Descripción similar - KA5M0365RYDTU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com