Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX5302 Datasheet(PDF) 2 Page - California Eastern Labs

No. de Pieza. NX5302
Descripción  1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX5302 Datasheet(HTML) 2 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS1
(TC = 25°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Pf
Optical Output Power
mW
10
IF
Forward Current of LD
mA
150
VR
Reverse Voltage of LD
V
2.0
IF
Forward Current of PD
mA
10
VR
Reverse Voltage of PD
V
20
TC
Operating Case Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-40 to +85
TASB
Assembly Temperature
°C
150 (15 Hr)
TSLD
Lead Soldering
Temperature (10 s)
°C
350 (3 sec.)
RH
Relative Humidity
(noncondensing)
%
85
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NX5302 SERIES
OUTLINE DIMENSIONS (Units in mm)
BOTTOM VIEW
PIN CONNECTIONS
NX5302EJ
NX5302EH
NX5302EK
NX5302EI
NX5302E SERIES
1 (CASE)
1 (CASE)
1 (CASE)
1 (CASE)
2
2
3
3
4
4
PD
PD
LD
LD
2
3
4
PD
LD
2
3
4
PD
LD
1
2
3
4
ø5.6
+0.00
-0.03
ø4.2±0.1
ø3.55±0.1
Reference Plane
ø0.45
(four places)
ø2.0
ø2.0
0.3
+0.1
-0.0
0.3
+0.1
-0.0
1.0±0.1
110°±2°
Focal Point
∆x = ±300 µm
∆y = ±300 µm
*1
1 (CASE)
1 (CASE)
1 (CASE)
1 (CASE)
2
2
3
3
4
4
PD
PD
LD
LD
2
3
4
PD
LD
2
3
4
PD
LD
1
2
3
4
ø3.55±0.05
1.0±0.1
ø5.6
+0.00
-0.03
ø4.2±0.1
0.3
+0.1
-0.0
0.3
+0.1
-0.0
ø1.0 MIN
ø1.6±0.1
1.2±0.1
1.27±0.1
LD CHIP
REFERENCE
PLANE
ø0.45
(4 places)
ø2.0
P.C.D.
NX5302S SERIES
BOTTOM VIEW
PIN CONNECTIONS
NX5302SI
NX5302SH
NX5302SK
NX5302SJ
*2: n = 1.48 Bolosilicate Glass
PO
IF - PO
(mW)
6.0
PK
0
dPO
dPK
IF - ηd
IF
(mA)
kink =
x 100 [%]
|dPK|
PK
dPK = dPO MAX
PK ≤ 6.0 (mW)
γ =
|10 log
| [dB]
PO
5.0
TC = 25°C
TC = -40 to +85°C
PO
(mW)
5.0
PO
0
Im
Im
(mA)
PARAMETER DEFINITIONS
Kink: kink
Tracking Error: γγγγγ
*1 Focal Point:
A point to get maximum optical output power from fiber.


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn