Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX5302 Datasheet(PDF) 4 Page - California Eastern Labs

No. de Pieza. NX5302
Descripción  1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX5302 Datasheet(HTML) 4 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TYPICAL CHARACTERISTICS (TC = 25°C)
NX5302 SERIES
100
50
0
-40
0
40
100
50
0
-40
040
FAR FIELD PATTERN (
θ
θθ
θ
θ//)
(NX5302S SERIES ONLY)
Lateral Beam Angle θ// (deg)
Vertical Beam Angle θ(deg)
FAR FIELD PATTERN (
θ
θθ
θ
θ⊥⊥⊥⊥⊥)
(NX5302S SERIES ONLY)
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL
for all damages resulting from such improper use or sale.
1.0
0.8
0.4
0.0
0.2
0.6
6.0
6.2
5.8
6.6
6.4
6.8
Pf
Po = 5 mW
Z
SMF
PART NUMBER
PACKAGE
PIN CONNECTIONS
NX5302SH
4-pin CAN with flat glass cap
NX5302SH
NX5302SJ
NX5302SK
1
2
3
4
PD
LD
1
2
3
4
PD
LD
1
2
3
4
PD
LD
1
2
3
4
PD
LD
NX5302S SERIES
1
2
3
4
PD
LD
1
2
3
4
PD
LD
1
2
3
4
PD
LD
1
2
3
4
PD
LD
NX5302E SERIES
PART NUMBER
PACKAGE
PIN CONNECTIONS
NX5302EH
4-pin CAN with flat glass cap
NX5302EH
NX5302EJ
NX5302EK
TOLERANCE OF FIBER
COUPLING DISTANCE (Z)
Z-Axis Tolerance, Z (mm)
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
02/27/2003


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn