Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX5302 Datasheet(PDF) 1 Page - California Eastern Labs

No. de Pieza. NX5302
Descripción  1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX5302 Datasheet(HTML) 1 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NX5302 Series
FEATURES
• OPTICAL OUTPUT POWER:
PO = 5.0 mW
• LOW THRESHOLD CURRENT
:
ITH = 10 mA
• HIGH SPEED:
tr = 0.15 ns MAX
tf = 0.3 ns MAX
• WIDE OPERATING TEMPERATURE RANGE:
TC = -40 to +85°C
• InGaAs MONITOR PIN-PD
• CAN PACKAGE:
ø5.6 mm
• BASED ON TELCORDIA RELIABILITY
NEC's NX5302 series is a 1310 nm Multiple Quantum Well
(MQW) structured Fabry-Perot (FP) laser diode with InGaAs
monitor PIN-PD. This device is ideal for SONET systems, short
haul and long haul OC-3, and short haul OC-12 applications.
DESCRIPTION
California Eastern Laboratories
PART NUMBER
NX5302 Series
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
VOP
Operating Voltage, PO = 5.0 mW
V
1.1
1.3
ITH
Threshold Current
mA
10
20
TC = +85°CmA
25
35
PTH
Threshold Output Power, TC = -40 to +85°C, IF = ITH
µW–
100
200
ηd
Differential Efficiency
W/A
0.40
0.50
∆ηd
Temperature Dependence
dB
-3.0
-1.5
of Differential Efficiency
λc
Center Emission Wavelength,
PO = 5.0 mW, RMS (-20 dB), TC = -40 to +85°Cnm
1263
1360
∆λc/∆T
Temperature Dependence of Center Wavelength,
Tc = -40 to +85°C
nm/°C–
0.4
0.5
σ
Spectral Width,
PO = 5.0 mW, RMS (-20 dB), TC = -40 to +85°Cnm
1.0
2.5
θ
Vertical Beam Angle1, PO = 5.0 mW, FAHM2
°
–25
40
θ||
Lateral Beam Angle1, PO = 5.0 mW, FAHM2
°
–20
35
tr
Rise Time, 10 to 90%
ns
0.05
0.15
tf
Fall Time, 10 to 90%
ns
0.15
0.30
Im
Monitor Current, PO = 5.0 mW, VR = 5 V
µA
200
500
800
ID
Monitor Dark Current,
VR = 5 V
nA
0.1
10
VR = 5 V, TC = -40 to +85°CnA
500
Ct
Monitor PD Terminal Capacitance, VR = 5 V, f = 1 MHz
pF
6
20
kink
Kink (Refer to Definitions)
Po = Up to 6.0 mW, TC = -40 to +85°C%
-20
20
γ
Tracking Error (Refer to Definitions)
Im = const. (@ PO = 5.0 mW) TC = -40 to +85°CdB
-1.0
1.0
Notes:
1. Applicable only to flat window type, NX5302S Series.
2. FAHM: Full Angle at Half Maximum.
NX7312UA ELECTRO-OPTICAL CHARACTERISTICS (TC = 25°C, unless otherwise specified)
ηd (@ 85°C)
ηd (@ 25°C)
ηd = 10 log
NEC's 1310 nm InGaAsP MQW FP
LASER DIODE IN CAN PACKAGE
FOR FIBER OPTIC COMMUNICATIONS


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn