Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX5310 Datasheet(PDF) 3 Page - California Eastern Labs

No. de Pieza. NX5310
Descripción  1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX5310 Datasheet(HTML) 3 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NX5310 Series
ORDERING INFORMATION
Part Number
Package
Pin Connections
NX5310EH-AZ*
4-pin CAN with ball lens cap
1
2
3
4
LD
PD
NX5310EK-AZ*
1
4
3
2
LD
PD
Remark The hermetic test will be performed as AQL 1.0%.
*NOTE:
Please refer to the last page of this data sheet, “Compliance with EU Directives” for
Pb-Free RoHS Compliance Information.
Data Sheet PL10526EJ02V0DS
3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn