Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX5311 Datasheet(PDF) 4 Page - California Eastern Labs

No. de Pieza. NX5311
Descripción  1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX5311 Datasheet(HTML) 4 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NX5311 SERIES
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Optical Output Power
Po
20
mW
Forward Current of LD
IF
150
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature
Tsld
350 (3 sec.)
°C
Relative Humidity (noncondensing)
RH
85
%
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25°C, unless otherwise specified)
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
10/11/04
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Voltage
Vop
Po = 10.0 mW
1.1
1.5
V
Threshold Current
Ith
615
mA
Differential Efficiency
ηd
0.35
0.50
W/A
Center Wavelength
λC
Po = 10.0 mW, RMS (−20 dB)
TC = −40 to +85°C
1276
1352
nm
Spectral Width
σ
Po = 10.0 mW, RMS (−20 dB)
TC = −40 to +85°C
1.5
2.8
nm
Rise Time
tr
10-90%
0.15
0.3
ns
Fall Time
tf
90-10%
0.15
0.3
ns
Monitor Current
Im
VR = 1.5 V, Po = 10.0 mW
50
150
μA
Monitor Dark Current
ID
VR = 10 V
100
nA
Monitor PD Terminal Capacitance
Ct
VR = 10 V, f = 1 MHz
5
20
pF
Focal Distance
Df
Po = 10.0 mW, Optimized Coupling
with 8 degree angled fiber
6.9
7.5
8.1
mm
Fiber Coupling Power
Pf
5.0
mW


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn