Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NX5311GH Datasheet(PDF) 1 Page - California Eastern Labs

No. de pieza NX5311GH
Descripción Electrónicos  1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo CEL - California Eastern Labs

NX5311GH Datasheet(HTML) 1 Page - California Eastern Labs

  NX5311GH Datasheet HTML 1Page - California Eastern Labs NX5311GH Datasheet HTML 2Page - California Eastern Labs NX5311GH Datasheet HTML 3Page - California Eastern Labs NX5311GH Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NEC’s 1310 nm InGaAsP MQW FP
LASER DIODE IN CAN PACKAGE
FOR 1.25 Gb/s AND FTTH PON APPLICATIONS
NX5311 SERIES
FEATURES
• OPTICAL OUTPUT POWER:
Po = 10.0 mW
• LOW THRESHOLD CURRENT :
Ith = 6 mA
• DIFFERENTIAL EFFICIENCY:
ηd =0.50 W/A
• WIDE OPERATING TEMPERATURE RANGE:
TC = -40 to +85°C
• InGaAs MONITOR PIN-PD
• CAN PACKAGE:
ø5.6 mm
• FOCAL POINT:
7.5 mm
NEC's NX5311 Series is a 1310 nm Multiple Quantum Well
(MQW) structured Fabry-Perot (FP) laser diode with InGaAs
monitor PIN-PD. These devices are designed for application
up to 1.25 Gb/s.
DESCRIPTION
California Eastern Laboratories
PRELIMINARY DATA SHEET
APPLICATIONS
• FTTH PON (B-PON, G-PON, GE-PON 10 km) system


Número de pieza similar - NX5311GH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NX5311GH CEL-NX5311GH Datasheet
161Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS
More results

Descripción similar - NX5311GH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NX5311S CEL-NX5311S Datasheet
161Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS
NX5313 CEL-NX5313 Datasheet
162Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX5315 CEL-NX5315 Datasheet
349Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX5310 CEL-NX5310 Datasheet
342Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
logo
Renesas Technology Corp
NX6308GH RENESAS-NX6308GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
logo
California Eastern Labs
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
logo
Renesas Technology Corp
PL10692EJ03V0DS RENESAS-PL10692EJ03V0DS Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6309GH RENESAS-NX6309GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
logo
California Eastern Labs
NX5304 CEL-NX5304 Datasheet
167Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX6406 CEL-NX6406 Datasheet
379Kb / 5P
   NECs 1490 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com