Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX5312 Datasheet(PDF) 2 Page - California Eastern Labs

No. de Pieza. NX5312
Descripción  1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX5312 Datasheet(HTML) 2 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NX5312 Series
<R>
PACKAGE DIMENSIONS (UNIT: mm)
PIN CONNECTIONS
1 (Case)
4
3
2
LD
PD
NX5312EK
1 (Case)
2
3
4
LD
PD
NX5312EH
BOTTOM VIEW
1
2
3
4
1.0±0.1
Focal Point
*1
Reference
Plane
(0.3)
*2
x = ±300 m MAX.
y = ±300 m MAX.
∆µ
∆µ
2.0
φ
4– 0.45
φ
5.6
+0.00
–0.03
φ
( 4.2)
*2
φ
( 3.55)
*2
φ
2.0
φ
*1 Focal Point: A point to get maximum optical output power from fiber.
*2 (
) indicates nominal dimension.
Data Sheet PL10528EJ02V0DS
2


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn