Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX5312 Datasheet(PDF) 4 Page - California Eastern Labs

No. de Pieza. NX5312
Descripción  1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX5312 Datasheet(HTML) 4 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NX5312 Series
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Optical Output Power
Po
20
mW
Forward Current of LD
IF
150
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
Assembly Temperature
Tasb
150 (15 Hr)
°C
Lead Soldering Temperature
Tsld
350 (3 sec.)
°C
Relative Humidity (noncondensing)
RH
85
%
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating Voltage
Vop
Po = 5.0 mW
1.1
1.5
V
Threshold Current
Ith
6
15
mA
Differential Efficiency
ηd
0.35
0.45
W/A
Center Wavelength
λC
Po = 5.0 mW, RMS (
−20 dB)
1 290
1 310
1 330
nm
Spectral Width
σ
Po = 5.0 mW, RMS (
−20 dB)
1.0
2.0
nm
Rise Time
tr
10-90%
0.15
0.3
ns
Fall Time
tf
90-10%
0.15
0.3
ns
Monitor Current
Im
VR = 1.5 V, Po = 5.0 mW
100
300
900
µA
Monitor Dark Current
ID
VR = 10 V
10
nA
Monitor PD Terminal Capacitance
Ct
VR = 10 V, f = 1 MHz
5
20
pF
Focal Distance
Df
Po = 5.0 mW
5.85
6.35
6.85
mm
Data Sheet PL10528EJ02V0DS
4


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn