Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX5315EH Datasheet(PDF) 4 Page - California Eastern Labs

No. de Pieza. NX5315EH
Descripción  1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX5315EH Datasheet(HTML) 4 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NX5315EH
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Optical Output Power
Po
20
mW
Forward Current of LD
IF
150
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
Assembly Temperature
Tasb
150 (15 Hr)
°C
Lead Soldering Temperature
Tsld
350 (3 sec.)
°C
Relative Humidity (noncondensing)
RH
85
%
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating Voltage
Vop
Po = 13.0 mW
1.1
1.5
V
Threshold Current
Ith
6
15
mA
Differential Efficiency
ηd
0.40
0.50
W/A
Center Wavelength
λC
Po = 13.0 mW, RMS (
−20 dB)
TC =
−40 to +85°C
1 276
1 352
nm
Spectral Width
σ
Po = 13.0 mW, RMS (
−20 dB)
TC =
−40 to +85°C
1.5
2.8
nm
Rise Time
tr
10-90%
0.15
0.3
ns
Fall Time
tf
90-10%
0.15
0.3
ns
Monitor Current
Im
VR = 1.5 V, Po = 13.0 mW
100
200
µA
Monitor Dark Current
ID
VR = 10 V
100
nA
Monitor PD Terminal Capacitance
Ct
VR = 10 V, f = 1 MHz
5
20
pF
Fiber Coupling Power
Pf
2.0
mW
Focal Distance
Df
Po = 13.0 mW, Optimized Coupling with
8 degree angled SMF
5.85
6.35
6.85
mm
<R>
Data Sheet PL10531EJ03V0DS
4


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn