Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX5315EH Datasheet(PDF) 6 Page - California Eastern Labs

No. de Pieza. NX5315EH
Descripción  1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX5315EH Datasheet(HTML) 6 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NX5315EH
<R>
TYPICAL CHARACTERISTICS (TC = 25
°C, unless otherwise specified)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
12
3
40
30
20
10
50
0
15
5
10
100
200
300
500
400
0
OPTICAL OUTPUT POWER
vs. MONITOR CURRENT
Monitor Current Im ( A)
µ
SPECTRUM
Wavelength
λ (nm)
1 300
1 310
1 320
1 330
–10
–30
–20
–40
–50
–60
–70
–80
–90
TOLERANCE OF FIBER
COUPLING DISTANCE (Z)
Z-Axis Tolerance Z (mm)
3.0
1.5
2.0
2.5
1.0
0.5
6.0
6.2
5.6
5.8
6.6
6.4
6.8
Pf
Po = 13 mW
Z
SMF
Remark The graphs indicate nominal characteristics.
Data Sheet PL10531EJ03V0DS
6


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn