Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NX5315EH Datasheet(PDF) 3 Page - California Eastern Labs

No. de pieza NX5315EH
Descripción Electrónicos  1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo CEL - California Eastern Labs

NX5315EH Datasheet(HTML) 3 Page - California Eastern Labs

  NX5315EH Datasheet HTML 1Page - California Eastern Labs NX5315EH Datasheet HTML 2Page - California Eastern Labs NX5315EH Datasheet HTML 3Page - California Eastern Labs NX5315EH Datasheet HTML 4Page - California Eastern Labs NX5315EH Datasheet HTML 5Page - California Eastern Labs NX5315EH Datasheet HTML 6Page - California Eastern Labs NX5315EH Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NX5315EH
ORDERING INFORMATION
Part Number
Package
Pin Connections
NX5315EH-AZ*
4-pin CAN with ball lens cap
1
2
3
4
LD
PD
Remarks 1. The color of ball lens cap might be observed differently.
2. The hermetic test will be performed as AQL 1.0%.
*NOTE:
Please refer to the last page of this data sheet, “Compliance with EU Directives” for
Pb-Free RoHS Compliance Information.
Data Sheet PL10531EJ03V0DS
3


Número de pieza similar - NX5315EH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
NX5315EH RENESAS-NX5315EH Datasheet
263Kb / 11P
   LASER DIODE
2006
logo
California Eastern Labs
NX5315EH-AZ CEL-NX5315EH-AZ Datasheet
349Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
More results

Descripción similar - NX5315EH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NX5323EH CEL-NX5323EH Datasheet
173Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5317 CEL-NX5317 Datasheet
338Kb / 9P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5313 RENESAS-NX5313 Datasheet
220Kb / 9P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5323EH NEC-NX5323EH Datasheet
89Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX6308GH RENESAS-NX6308GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
PL10692EJ03V0DS RENESAS-PL10692EJ03V0DS Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6308GH RENESAS-NX6308GH Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6309GH RENESAS-NX6309GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6309GH RENESAS-NX6309GH Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
logo
California Eastern Labs
NX5522 CEL-NX5522 Datasheet
185Kb / 7P
   1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com