Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX5504 Datasheet(PDF) 6 Page - California Eastern Labs

No. de Pieza. NX5504
Descripción  1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX5504 Datasheet(HTML) 6 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NX5504 Series
<R>
TYPICAL CHARACTERISTICS (TC =
−40 to +85°C, unless otherwise specified)
Forward Current IF (mA)
OPTICAL OUTPUT POWER
vs. FORWARD CURRENT
2
3
1
5
6
4
0
10
20
30
40
50
60
OPERATING CURRENT AND THRESHOLD
CURRENT vs. CASE TEMPERATURE
Case Temperature TC (˚C)
1
5
10
50
100
–40
–20
0
20
40
60
80
100
–60
Iop
Ith
TEMPERATURE DEPENDENCE OF
CENTER WAVELENGTH
Case Temperature TC (˚C)
1 550
1 560
1 490
1 500
1 480
1 510
1 520
1 530
1 540
0
–20
–40
–60
20
60
40
80
100
TC = –40˚C
+25˚C
+85˚C
Remark The graphs indicate nominal characteristics.
Data Sheet PL10435EJ04V0DS
6


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn