Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX5504 Datasheet(PDF) 1 Page - California Eastern Labs

No. de Pieza. NX5504
Descripción  1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX5504 Datasheet(HTML) 1 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LASER DIODE
NX5504 Series
1 550 nm FOR FTTH
InGaAsP MQW-FP LASER DIODE
DESCRIPTION
The NX5504 Series is a 1 550 nm Multiple Quantum Well (MQW)
structured Fabry-Perot (FP) laser diodes with InGaAs monitor PIN-PD. These
devices are designed and ideal for Fiber To The Home (FTTH).
APPLICATION
• FTTH (Fiber To The Home)
FEATURES
• Optical output power
Po = 5.0 mW
• Low threshold current
lth = 8 mA
• Differential efficiency
ηd = 0.3 W/A
• Wide operating temperature range TC =
−40 to +85°C
• InGaAs monitor PIN-PD
• CAN package
φ 5.6 mm
• Fiber coupling point
5.8 mm
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Document No. PL10435EJ04V0DS (4th edition)
Date Published July 2006 NS CP(K)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn